Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 301 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 301 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 297Page - Microsemi Corporation VSC7440 Datasheet HTML 298Page - Microsemi Corporation VSC7440 Datasheet HTML 299Page - Microsemi Corporation VSC7440 Datasheet HTML 300Page - Microsemi Corporation VSC7440 Datasheet HTML 301Page - Microsemi Corporation VSC7440 Datasheet HTML 302Page - Microsemi Corporation VSC7440 Datasheet HTML 303Page - Microsemi Corporation VSC7440 Datasheet HTML 304Page - Microsemi Corporation VSC7440 Datasheet HTML 305Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
284
3.29.1.3 RSRV30
Similar to the mode RSRV32, but the reference point is moved to the time of departure from the egress
unit. The time value to use in the reserved bytes field only is the TOD_nsec value instead of NSX32.
3.29.1.4 ADDS48
The interconnect link in this mode carries frames where the ingress time in NSX48 format is subtracted
from the CF field. Likewise, the egress unit will add the NSX48 at time of departure. This is accomplished
by the following steps.
•
Ingress rewriter: CF is added time from ingress port to rewriter (NSF delta)
•
Ingress rewriter: CF is subtracted NSX value when doing the rewrite
•
Egress rewriter: CF is added NSX value when doing the rewrite
•
Egress port: CF is added time from rewriter to departure (NSF delta)
3.29.1.5 ADDS44
This mode operates as the ADDS48, only NSX44 is used instead. In this mode the egress unit must be
able to see that the NSX44 has wrapped since the ingress unit did the subtraction, ie. if the NSX44 at
ingress was 0xFFF.FFFF.FFFF, and at egress is 0x000.0000.0132, a larger value was subtracted than
added. This is handled by the ingress unit setting CF(46) to the NSX48(44) value, and the egress unit
checking the same to see if NSX48(44) has changed. In that case 244 is added to CF.
3.29.1.6 MONITOR
This mode is used for an egress port where we want the frame to be updated to the time of reception
only. This is used for CPU ports, where software must be able to compare the frame time with the local
time stamp, in order to detect drift. It can also be used for mirroring ports where it is desired to see what
time was carried on frames received from an interconnect. When a frame is transmitted on a MONITOR
port, the frame will be calculated up to the ingress time stamping point. The frame will be added selected
delay (IDLY/EDLY), but will not take any chip internal residence time in as a contributor to the CF.
3.29.1.7 DISABLED
A disabled PTP port is not updating PTP frames at all. This mode only applies to the destination port. If
the ingress PTP mode is set to disabled, it is treated as being a FRONT port.
3.29.2
Calculation Overview
The modes of ingress and egress ports determine which PTP calculations to do. The calculations are
split in an ingress half updating the frame to the time at which it passes the central rewriter and an egress
half, where residence time from the rewriter is prepared and finalized in the egress port module or on the
other side of the link (backplane).
In all cases the selected delay is added to CF (IDLY/EDLY).
If the ingress port mode is misconfigured as being DISABLED or MONITOR, it will be handled as a
FRONT port.
The port module is through an internal preamble instructed to either do a delta update of the correction
field only (CF), or to do a delta update of both the correction field and the reserved bytes field
(CF_RSRV). In both cases the rewriter NSF value is sent along as a reference for the delta delay
calculation in the port.
Table 215 •
Rewriter Operations for One-Step Operation
Mode
Receiving From
Transmitting To
FRONT
CF += (NSF – IFH.STAMP)
Preamble = (CF, NSF)
RSRV30
CF += (NSEC – PDU.RSRV)
PDU.RSRV = NSEC
Preamble = (CF_RSRV, NSF)
RSRV32
CF += (NSX32 – PDU.RSRV)
PDU.RSRV = NSX32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com