Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 299 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 299 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 295Page - Microsemi Corporation VSC7440 Datasheet HTML 296Page - Microsemi Corporation VSC7440 Datasheet HTML 297Page - Microsemi Corporation VSC7440 Datasheet HTML 298Page - Microsemi Corporation VSC7440 Datasheet HTML 299Page - Microsemi Corporation VSC7440 Datasheet HTML 300Page - Microsemi Corporation VSC7440 Datasheet HTML 301Page - Microsemi Corporation VSC7440 Datasheet HTML 302Page - Microsemi Corporation VSC7440 Datasheet HTML 303Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
282
The modes defined in the following table comply with commonly used methods of transferring timing
information in a multichip system, but are as such not specified in the IEEE 1588 standard.
The time of day counters are generated in the DEVCPU block where there are various means of
accurately updating the time. For more information, see Time of Day Generation, page 286. The output
from the DEVCPU block is a set of timing parameters listed in the following table.
The PTP frame flow through the device is shown in the following illustration.
Figure 84 •
Frame Flow
The time stamps generated by the ports are samples of the NSF value. The ingress time is the time at
which the PCS sees the start of frame, synchronized to the system clock domain. The correct 1588
Table 213 •
Timing Parameters
Parameter
Description
NSF (32 bit)
Counts number of nanoseconds since PTP was enabled in the device. Wraps at 232.
TOD_nsec (30 bit)
Counts the number of nanoseconds of current time of day. Wraps at 109, and will potentially be
in synch with the partner devices.
TOD_secs (48 bit)
Counts number of seconds of current time of day. Wraps at 248.
NSX48
Counts number of nanoseconds. NSX48 always take the value of TOD_nsec + TOD_sec*109.
The parameter is to be used for time stamping transfer to partner devices.
NSX32/NSX44
The lower 32 or 44 bits of NSX48.
SERDES
PCS
MAC
ANA
SQS
REW
PTP
Tx FIFO
PTP
MAC
PCS
SERDES
Rx stamp (NSF)
Tx stamp (NSF)
REW stamp
(all counters)
Tx Port
Rx Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com