Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 298 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 298 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 294Page - Microsemi Corporation VSC7440 Datasheet HTML 295Page - Microsemi Corporation VSC7440 Datasheet HTML 296Page - Microsemi Corporation VSC7440 Datasheet HTML 297Page - Microsemi Corporation VSC7440 Datasheet HTML 298Page - Microsemi Corporation VSC7440 Datasheet HTML 299Page - Microsemi Corporation VSC7440 Datasheet HTML 300Page - Microsemi Corporation VSC7440 Datasheet HTML 301Page - Microsemi Corporation VSC7440 Datasheet HTML 302Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
281
The following table lists how to configure squelch for possible recovered clock sources (configured in
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC).
When squelching, the clock will stop when it detects a loss of signal (or PLL lock). The clock will stop on
either on high or low level.
3.29
Hardware Time Stamping
Hardware time stamping provides nanosecond-accurate frame arrival and departure time stamps, which
are used to obtain high precision timing synchronization and timing distribution, as well as significantly
better accuracy in performance monitoring measurements than what is obtained from pure software
implementations.
The hardware time stamping functions operate in both standalone devices and in systems where multiple
devices are interconnected to form a multichip system.
Figure 83 •
Supported Time Stamping Flows
Hardware time stamping can update PTP frames coming from a standard front port without any 1588
support or from a partner device that does parts of the timing update. Each port is configured according
to the partner device attached.
Table 212 •
Squelch Configuration for Sources
SRC
Associated Squelch Configuration
4-8
Set SERDES1G_COMMON_CFG.SE_AUTO_SQUELCH_ENA in SD macro to enable squelch when
receive signal is lost. SD1G macro index is (SRC-4).
9-10
Set SERDES6G_COMMON_CFG.SE_AUTO_SQUELCH_ENA in SD macro to enable squelch when
receive signal is lost. SD6G macro-index is (SRC-9).
14-17
Set SYNC_ETH_SD10G_CFG[(SRC-14)].SD10G_AUTO_SQUELCH_ENA to enable squelch when
receive signal is lost.
12
Set SYNC_ETH_PLL_CFG[0].PLL_AUTO_SQUELCH_ENA to enable squelch when PLL loses lock.
21
Set SYNC_ETH_PLL_CFG[1].PLL_AUTO_SQUELCH_ENA to enable squelch when PLL2 loses lock.
1588-enabled
Switch or PHY
Device
Interconnect
Interconnect
Front Port
Front Port
1588-enabled
Switch or PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com