Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 295 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 295 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 291Page - Microsemi Corporation VSC7440 Datasheet HTML 292Page - Microsemi Corporation VSC7440 Datasheet HTML 293Page - Microsemi Corporation VSC7440 Datasheet HTML 294Page - Microsemi Corporation VSC7440 Datasheet HTML 295Page - Microsemi Corporation VSC7440 Datasheet HTML 296Page - Microsemi Corporation VSC7440 Datasheet HTML 297Page - Microsemi Corporation VSC7440 Datasheet HTML 298Page - Microsemi Corporation VSC7440 Datasheet HTML 299Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
278
It is possible to recover receive timing from any 10/100/1000 Mbps, 2.5 Gbps, or SFI data streams into
the device.
The recovered clock outputs have individual divider configuration (through
SYNC_ETH_CFG.SEL_RCVRD_CLK_DIV) to allow division of SerDes receive frequency by 1, 2, 4, 5, 8,
16, or 25. In addition to the output dividers, the SFI 10G sources have local pre-dividers to allow
adjustments for the SFI links 64/66 encoding overhead by extending clock cycles through
SYNC_ETH_SD10G_CFG.SD10G_RCVRD_CLK_DIV.
The recovered clocks are single-ended outputs, and the suggested divider settings in the following tables
are selected to make sure to not output too high a frequency via the input and outputs.
Ports operating in 1 Gbps or lower speeds allow recovery of either 31.25 MHz or 125 MHz clocks.
Configure the ports as shown in the following table.
HSIO::PLL5G_CFG3
Enables high speed clock output.
PHY[0]:PHY_GP:PHY_RCVD_CLK0_CTRL
Configures PHY0 recovered clock.
PHY[1]:PHY_GP:PHY_RCVD_CLK1_CTRL
Configuration PHY1 recovered clock.
Table 207 •
Layer 1 Timing Recovered Clock Pins
Pin Name
I/O
Description
RCVRD_CLK0
O
Recovered clock output, configured by SYNC_ETH_CFG[0].
This is an overlaid function on GPIO.
RCVRD_CLK1
O
Recovered clock output, configured by SYNC_ETH_CFG[1].
This is an overlaid function on GPIO.
RCVRD_CLK2
O
Recovered clock output, configured by SYNC_ETH_CFG[2].
This is an overlaid function on GPIO.
RCVRD_CLK3
O
Recovered clock output, configured by SYNC_ETH_CFG[3].
This is an overlaid function on GPIO.
CLKOUTPLL
O
PLL high speed clock output.
CLKOUTPLL2
O
PLL2 high speed clock output.
Table 208 •
Recovered Clock Settings for 1 Gbps or Lower
Port
Output Frequency
Register Settings for Output n
CuPHY
0-1
125 MHz
Only for internal clocks (n = 4, 5, 6, and 7).
SYNC_ETH_CFG[n].RCVRD_CLK_ENA=1,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_DIV=6,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC=(DEV),
PHY_RCVD_CLK[DEV]_CTRL.RCVD_CLK[DEV]_ENA=1,
PHY_RCVD_CLK[DEV]_CTRL.CLK_SRC_SEL[DEV]=[DEV],
PHY_RCVD_CLK[DEV]_CTRL.CLK_FREQ_SEL[DEV]=1, and
PHY_RCVD_CLK[DEV]_CTRL.CLK_SEL_PHY[DEV]=1
Table 206 •
Layer 1 Timing Configuration Registers (continued)
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com