Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 292 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 292 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 288Page - Microsemi Corporation VSC7440 Datasheet HTML 289Page - Microsemi Corporation VSC7440 Datasheet HTML 290Page - Microsemi Corporation VSC7440 Datasheet HTML 291Page - Microsemi Corporation VSC7440 Datasheet HTML 292Page - Microsemi Corporation VSC7440 Datasheet HTML 293Page - Microsemi Corporation VSC7440 Datasheet HTML 294Page - Microsemi Corporation VSC7440 Datasheet HTML 295Page - Microsemi Corporation VSC7440 Datasheet HTML 296Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
275
are received from the queue system with an era value eligible for aging. Frames discarded by aging are
counted in DSM::AGED_FRMS.AGED_FRMS_CNT.
3.27.6
Setting Up Transmit Data Rate Limiting
The disassembler can limit the transmit data rate as specified in IEEE802.3ar, which defines the
following three rate limiting methods. The disassembler allows enabling of any combination of the
following three methods.
•
Frame overhead
•
Payload data rate
•Frame rate
The following table lists the registers associated with rating limiting.
If more than one of the rate limiting modes previously mentioned are enabled, the additional inter-packet
gap is the maximum of each of the values generated by one of the enabled modes. However, if only the
frame overhead and the data payload data rate modes are enabled, the additional inter-packet gap can
be calculated as the sum of the additional gaps retrieved from each of the two modes. To enable the
function, set DSM::TX_RATE_LIMIT_MODE.TX_RATE_LIMIT_ACCUM_MODE_ENA to 1.
If the preamble of a frame is not to be counted as payload, set
DSM::TX_RATE_LIMIT_MODE.PAYLOAD_CFG to 0.
In addition, if parts of the frame are to be seen as header and not counted as payload, set
DSM::TX_RATE_LIMIT_MODE.PAYLOAD_CFG to 1.
DSM::TX_RATE_LIMIT_HDR_CFG.TX_RATE_LIMIT_HDR_SIZE defines how much of the frame that
should be considered as header. Note that this register is global for all ports enabled by
DSM::TX_RATE_LIMIT_MODE.PAYLOAD_CFG. The payload configuration applies to Payload Data
Rate and Frame Rate mode.
Table 199 •
Aging Configuration Register Overview
Target::Register.Field
Description
Replication
DSM::BUF_CFG.AGING_ENA
Enable aging of frames stuck in the disassembler buffer system for
long periods.
Per port
Table 200 •
Aging Status Register Overview
Target::Register.Field
Description
Replication
DSM::AGED_FRMS.AGED_FRMS_CNT
Count number of aged frames.
Per port
Table 201 •
Rate Limiting Common Configuration Registers Overview
Target::Register.Field
Description
Replication
DSM::TX_RATE_LIMIT_MODE.
TX_RATE_LIMIT_ACCUM_MODE_ENA
Enables for accumulated rate limit mode.
Per port
DSM::TX_RATE_LIMIT_MODE.
PAYLOAD_PREAM_CFG
Defines whether the preamble is counted as payload in
txRateLimitPayloadRate and txRateLimitFrameRate mode.
Per port
DSM::TX_RATE_LIMIT_MODE.
PAYLOAD_CFG
Defines if what is configured as header size in
TX_RATE_LIMIT_HDR_SIZE::
TX_RATE_LIMIT_HDR_CFG is subtracted form the
payload.
Per port
DSM::TX_RATE_LIMIT_MODE.
IPG_SCALE_VAL
Scales the IPG calculated by txRateLimitFrameOverhead
and/or txRateLimitPayloadRate by a power of 2.
Per port
DSM::TX_RATE_LIMIT_HDR_CFG.
TX_RATE_LIMIT_HDR_SIZE
Defines how much of the frame is seen as header and not
counted as payload.
per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com