Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 291 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 291 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 287Page - Microsemi Corporation VSC7440 Datasheet HTML 288Page - Microsemi Corporation VSC7440 Datasheet HTML 289Page - Microsemi Corporation VSC7440 Datasheet HTML 290Page - Microsemi Corporation VSC7440 Datasheet HTML 291Page - Microsemi Corporation VSC7440 Datasheet HTML 292Page - Microsemi Corporation VSC7440 Datasheet HTML 293Page - Microsemi Corporation VSC7440 Datasheet HTML 294Page - Microsemi Corporation VSC7440 Datasheet HTML 295Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
274
3.27.3.2 Reaction on Received PAUSE Frame
The assembler detects received PAUSE frames and forwards the pause_time to the disassembler, which
stops data transmission (if enabled) for the period defined by pause_time. If PFC is enabled for a port,
then RX_PAUSE_EN must be disabled in the disassembler.
The following table lists the registers associated with configuring PAUSE frame reception.
3.27.3.3 PFC Pause Frame Generation
When PFC is enabled for a port, PFC PAUSE frames are generated when requested by the queue
system.
PFC is enabled on a per port basis in the disassembler. The queue system must also be setup to
generate PFC requests towards the disassembler. Regular flow control and PFC cannot operate
simultaneously on the same port. The available PFC configurations in the disassembler are listed in the
following table.
3.27.4
Setting up Flow Control in Half-Duplex Mode
The following table lists the configuration registers for half-duplex mode flow control. For more
information about setting up flow control in half-duplex mode, see PAUSE Frame Generation, page 273.
To enable half-duplex flow control, DSM::MAC_CFG.HDX_BACKPRESSURE must be set to 1. In this
mode, the disassembler forwards the FC status to the port modules, which then collides incoming
frames.
3.27.5
Setting Up Frame Aging
The following tables provide the aging configuration and status register settings. If frame aging is
enabled, the disassembler discards frames that are stuck, for example, due to flow control or frames that
Table 196 •
PAUSE Frame Reception Configuration Registers Overview
Target::Register.Field
Description
Replication
DSM::RX_PAUSE_CFG.RX_PAUSE_EN
Enables flow control in Rx direction
Per port
Table 197 •
PFC PAUSE Frame Generation Configuration Registers Overview
Target::Register.Field
Description
Replication
DSM::ETH_PFC_CFG.PFC_MIN_
UPDATE_TIME
Minimum time between two PFC PDUs when PFC state changes
after transmission of PFC PDU.
Per port
DSM::ETH_PFC_CFG.PFC_XOFF
_MIN_UPDATE_ENA
After sending PFC PDU with flow control deasserted for all
priorities, enforces a PFC_MIN_UPDATE_TIME delay before
allowing transmission of next PFC PDU.
Per port
DSM::ETH_PFC_CFG.PFC_ENA
Enables PFC operation for the port.
Per port
Table 198 •
Half-Duplex Mode Flow Control Configuration Register Overview
Target::Register.Field
Description
Replication
DSM::MAC_CFG.HDX_BACKPRESSURE
Enables HDX backpressure instead of FDX FC when FC
is generated.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com