Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 288 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 288 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 284Page - Microsemi Corporation VSC7440 Datasheet HTML 285Page - Microsemi Corporation VSC7440 Datasheet HTML 286Page - Microsemi Corporation VSC7440 Datasheet HTML 287Page - Microsemi Corporation VSC7440 Datasheet HTML 288Page - Microsemi Corporation VSC7440 Datasheet HTML 289Page - Microsemi Corporation VSC7440 Datasheet HTML 290Page - Microsemi Corporation VSC7440 Datasheet HTML 291Page - Microsemi Corporation VSC7440 Datasheet HTML 292Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
271
Insertion of the IFH can be configured on any port, but it is intended for frames forwarded to the internal
CPU and the NPI port (external CPU). When IFH insertion is enabled on a given port, all frames leaving
that port contain the IFH.
The following table lists the registers for configuring the insertion of extraction IFH into the frame.
The following illustration shows supported formats using KEEP_IFH_SEL.
Figure 82 •
Supported KEEP_IFH_SEL Formats
Frames are always formatted using KEEP_IFH_SEL = 1 when extracting frames to the internal CPU
ports. This cannot be changed.
Note that for KEEP_IFH_SEL = 1, the frames transmitted on external ports are not valid Ethernet frames,
because the extraction IFH precedes the DMAC. As a result, this frame format must be used for direct
transmission to another VSC7440 device that understands the format or to a dedicated FPGA or NPU.
This format cannot be used for forwarding to a standard Ethernet device.
The frame formats using KEEP_IFH_SEL = 2 or KEEP_IFH_SEL = 3 are primarily used on a port that is
directly attached to an external CPU. When the IFH is included using these frame formats, the IFH is
included in the frame’s FCS calculation and a valid Ethernet frame is transmitted.
3.26.14 Frame Injection from Internal CPU
To instruct the switch core how to process the frame, the internal CPU injects frames to switch core using
the internal frame header. The format of injected frames from the internal CPU is similar to the
KEEP_IFH_SEL = 1 format.
On arrival to the rewriter, such injected frames are no different from any other frames. However, the IFH
contains information related to rewriter functionality specifically targeting efficient frame injection:
•
Do not rewrite (IFH.FWD.DO_NOT_REW):
If this injection IFH bit is set, the rewriter forward frames unchanged to the egress port no matter any
other rewriter configurations, except IFH.FWD.update_fcs.
Table 191 •
IFH Configuration Registers
Register
Description
Replication
PORT_CTRL.KEEP_IFH_SEL Configures the rewriter IFH mode for the port. See also
ASM::PORT_CFG.INJ_FORMAT_CFG.
0: Normal mode.
1: Keep IFH without modifications. Frames are not updated. IFH is
kept.
2: Encapsulate IFH. The frame’s DMAC, SMAC and a fixed TAG with
ETYPE = 8880 (Microsemi) and EPID=0x0009 are inserted in front of
the IFH: [FRM_DMAC][FRM_SMAC][0x8880][0x0009][IFH][FRAME].
3: Encapsulate IFH using the ENCAP table. Use ES0 to generate an
ENCAP_ID and insert the encapsulation in front of the
IFH:[ENCAP][IFH][FRAME].
Ports
IFH
Rewriter
Payload
DA
SA
F
C
S
IFH
Rewrite frame
IFH
Payload
Payload
DA
SA
F
C
S
Microsemi EtherType
and Protocol ID
DA
KEEP_IFH_SEL = 3
KEEP_IFH_SEL = 2
KEEP_IFH_SEL = 1
KEEP_IFH_SEL = 0
SA
DA
SA
F
C
S
IFH
Payload
Encapsulation
(ES0.ENCAP_ID)
DA
SA
F
C
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com