Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 286 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 286 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 282Page - Microsemi Corporation VSC7440 Datasheet HTML 283Page - Microsemi Corporation VSC7440 Datasheet HTML 284Page - Microsemi Corporation VSC7440 Datasheet HTML 285Page - Microsemi Corporation VSC7440 Datasheet HTML 286Page - Microsemi Corporation VSC7440 Datasheet HTML 287Page - Microsemi Corporation VSC7440 Datasheet HTML 288Page - Microsemi Corporation VSC7440 Datasheet HTML 289Page - Microsemi Corporation VSC7440 Datasheet HTML 290Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
269
3.26.11 Layer 3 Routing
The following registers are associated with routing (Layer 3, or L3). They are used when the analyzer
signals routing by setting IFH.FWD.DST_MODE = L3UC_ROUTING or L3MC_ROUTING.
The analyzer can also signal routing using IFH.DST.ENCAP.RT_FWD = 1. In this case, the MAC
addresses and VMIDs are controlled directly by the analyzer, and the registers in the rewriter are not
used.
The IFH.DST.L3_[MC|UC]ROUTING.ERLEG fields are used to select the VID of routed frames using the
Egress Mapped VLAN (VMID) configuration registers listed in the following table.
3.26.12 Mirror Frames
The device offers three mirror probe sets that can be individually configured. The following table lists the
rewriter configuration registers associated with mirroring.
Table 188 •
Routing SMAC Configuration Registers
Register
Description
Replication
RLEG_CFG_0.
RLEG_MAC_LSB
Router Leg SMAC address used for IP routing (least significant bits).
Must be set identical to ANA_L3::RLEG_CFG_0.RLEG_MAC_LSB.
None
RLEG_CFG_1.
RLEG_MAC_TYPE_SEL
Configures how Router Leg MAC addresses are specified.
Must be set identical to ANA_L3::RLEG_CFG_1.RLEG_MAC_TYPE_SEL.
0: RLEG_MAC:= RLEG_MAC_MSB(23:0) and (RLEG_MAC_LSB(23:0) +
VMID(7:0) mod 224)
1: RLEG_MAC:= RLEG_MAC_MSB(23:0) and (RLEG_MAC_LSB(23:0) +
VID(11:0) mod 224
Others: RLEG_MAC:= RLEG_MAC_MSB(23:0) and
RLEG_MAC_LSB(23:0) number of common address for all VLANs.
None
RLEG_CFG_1.
RLEG_MAC_MSB
MSB part of SMAC used for IP routing.
Must be set identical to ANA_L3::RLEG_CFG_1.RLEG_MAC_MSB.
None
Table 189 •
L3 Routing Egress Mapping VLAN (EVMID)
Register
Description
Replication
RLEG_CTRL.RLEG_EVID
VID value assigned to this router leg.
32
RLEG_CTRL.
RLEG_VSTAX2_WAS_TAGGED
Controls the value of IFH.VSTAX.TAG.WAS_TAGGED field in the
stack header for frames that are L3 forwarded to a stack port.
32
Table 190 •
Mirror Probe Configuration Registers
Register
Description
Replication
MIRROR_PROBE_CFG.
MIRROR_TX_PORT
The Tx port for each mirror probe (from where rewrite configuration was
taken).
Mirror probes
MIRROR_PROBE_CFG.
REMOTE_ENCAP_ID
Selects encapsulation ID to use for remote mirror frames.
Mirror probes
MIRROR_PROBE_CFG.
REMOTE_MIRROR_CFG
Enables encapsulation of mirrored frames. One or two Q-tags (Q-in-Q)
or the encapsulation table can be used.
In tag mode, the VLAN tags are added after the outer SMAC. In other
words, if an MPLS link layer is added to the frame, the tags are added
after the LL-SMAC.
In encapsulation mode, an entry in the ENCAP table is used for
encapsulation. This overrides any encapsulation selected by ES0 for
the frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com