Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 283 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 283 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 279Page - Microsemi Corporation VSC7440 Datasheet HTML 280Page - Microsemi Corporation VSC7440 Datasheet HTML 281Page - Microsemi Corporation VSC7440 Datasheet HTML 282Page - Microsemi Corporation VSC7440 Datasheet HTML 283Page - Microsemi Corporation VSC7440 Datasheet HTML 284Page - Microsemi Corporation VSC7440 Datasheet HTML 285Page - Microsemi Corporation VSC7440 Datasheet HTML 286Page - Microsemi Corporation VSC7440 Datasheet HTML 287Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
266
•
Use fixed value.
Special Tag A+B: VID
•
Use fixed value.
Special Tag A+B: TPID
•
Use Ethernet type 0x8100 (C-tag).
•
Use Ethernet type 0x88A8 (S-tag).
•
Use one of three custom TPIDs programmed in REW::TPID_CFG.TPID_VAL.
•
TPID is classified by ANA and selected by means of IFH.
3.26.8
DSCP Remarking
The rewriter supports two DSCP remarking schemes. The first remarking mode is controlled by port and
IFH settings. The second remarking mode is controlled by ES0 actions and by the general mapping
tables.
DSCP actions from ES0 override any remarking done by the port.
3.26.8.1 ES0-Based DSCP Remarking
ES0 controls DSCP remarking if ES0 lookups are enabled and the DSCP_SEL action is different from 0.
For more information, see Mapping Tables, page 259.
3.26.8.2 Legacy Port-Based Mode
Simple DSCP remapping can be done using a common table shared by all ports.
The following table shows the port-based DSCP editing registers associated with remarking.
The following remarking options are available.
•
No DSCP remarking. The DSCP value in the frame is untouched.
•
Update the DSCP value in the frame with the value received from the analyzer in IFH.QOS.DSCP.
•
Update the DSCP value in the frame with the frame DSCP mapped through
DSCP_REMAP.DSCP_REMAP.
•
Update the DSCP value in the frame with the value received from the analyzer (IFH.QOS.DSCP)
mapped through DSCP_REMAP.DSCP_REMAP.
ANA can set IFH.QOS.TRANSPARENT_DSCP to prevent DSCP mapping even if this is enabled for a
port. ANA can also force use of the frame DSCP for mapping by setting IFH.QOS.UPDATE_DSCP to 0.
The IP checksum is updated when changing the DSCP for IPv4 frames.
Table 185 •
Port-Based DSCP Editing Registers
Register
Description
Replication
DP_MAP.DP
Maps the four drop precedence levels to a drop eligible value
(DE). DE is also called color.
Global
DSCP_REMAP.DSCP_REMAP
Full one-to one DSCP remapping table common for all ports.
None
DSCP_MAP.DSCP_UPDATE_ENA Selects DSCP from either frame or IFH.QOS.DSCP.
If DSCP_MAP.DSCP_UPDATE_ENA = 1 and
IFH.QOS.UPDATE_DSCP = 1: Selected
DSCP = IFH.QOS.DSCP
Else keep frame DSCP: Selected DSCP = Frame DSCP.
Ports
DSCP_MAP.DSCP_REMAP_ENA
Optionally remaps selected DSCP.
If DSCP_MAP.DSCP_REMAP_ENA = 1 and
IFH.QOS.TRANSPARENT_DSCP = 0: New DSCP =
DSCP_REMAP [Selected DSCP].
Else do no remap: New DSCP = selected DSCP.
Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com