Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 282 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 282 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 278Page - Microsemi Corporation VSC7440 Datasheet HTML 279Page - Microsemi Corporation VSC7440 Datasheet HTML 280Page - Microsemi Corporation VSC7440 Datasheet HTML 281Page - Microsemi Corporation VSC7440 Datasheet HTML 282Page - Microsemi Corporation VSC7440 Datasheet HTML 283Page - Microsemi Corporation VSC7440 Datasheet HTML 284Page - Microsemi Corporation VSC7440 Datasheet HTML 285Page - Microsemi Corporation VSC7440 Datasheet HTML 286Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
265
•
Map DE and QoS class to a new DEI value using the per-port table DEI_MAP_DEx.
•
Map DE and COSID to a new DEI value using the per-port table DEI_MAP_DEx.
•
Map DE and classified PCP to a new DEI value using the per-port table DEI_MAP_DEx.
Port Tag: VID
Use REW:PORT:TAG_CTRL.TAG_VID_CFG to configure the following:
•
Use the classified VID.
•
Use the egress port’s port VLAN (PORT_VLAN_CFG.PORT_VID).
•
Use VMID from router leg lookup. When L3 routing is active, the classified VID is overwritten by the
VMID.
Port Tag: TPID
Use REW:PORT:TAG_CTRL.TAG_TPID_CFG to configure the following:
•
Use Ethernet type 0x8100 (C-tag).
•
Use Ethernet type 0x88A8 (S-tag).
•
Use one of three custom TPIDs programmed in REW::TPID_CFG.TPID_VAL.
•
The TPID is classified by ANA and selected by IFH.
Similar options for the ES0 tag A to tag C are available:
ES0 Tag: PCP
Use ES0 action TAG_x_PCP_SEL to configure the following:
•
Use the classified PCP.
•
Use ES0_ACTION.PCP_x_VAL.
•
Use PCP of popped tag (IFH.VSTAX.TAG.WAS_TAGGED = 1 and num_popped_tags>0) else
PCP_x_VAL.
•
Use the complex mapping functionality provided by ES0 to lookup a PCP value.
ES0 Tag: DEI
Use ES0 action TAG_x_DEI_SEL to configure the following:
•
Use the classified DEI.
•
Use ES0_ACTION.DEI_x_VAL.
•
Use the complex mapping functionality provided by ES0 to lookup a DEI value.
•
Use DEI of popped tag (IFH.VSTAX.TAG.WAS_TAGGED = 1 and num_popped_tags>0) else
DEI_x_VAL.
•
Use the mapped DP to DE level (color) directly.
ES0 Tag: VID
Use ES0 action TAG_x_VID_SEL to configure the following:
•
Tag A and B: Use the classified VID incremented with ES0.VID_x_VAL.
Tag C: Use the classified VID.
•
Use ES0_ACTION.VID_x_VAL.
ES0 Tag: TPID
Use ES0 action TAG_x_TPID_SEL to configure the following:
•
Use Ethernet type 0x8100 (C-tag).
•
Use Ethernet type 0x88A8 (S-tag).
•
Use one of three custom TPIDs programmed in REW::TPID_CFG.TPID_VAL.
•
TPID is classified by ANA and selected via IFH.
GCPU or mirror forwarding can optionally insert additional tags. These will always be added as the
outermost tags. One or two special tags (A and B) can be added. The tag construction options as follows:
Special Tag A+B: PCP
•
Use the classified PCP.
•
Use fixed value.
Special Tag A+B: DEI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com