Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 285 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 285 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 281Page - Microsemi Corporation VSC7440 Datasheet HTML 282Page - Microsemi Corporation VSC7440 Datasheet HTML 283Page - Microsemi Corporation VSC7440 Datasheet HTML 284Page - Microsemi Corporation VSC7440 Datasheet HTML 285Page - Microsemi Corporation VSC7440 Datasheet HTML 286Page - Microsemi Corporation VSC7440 Datasheet HTML 287Page - Microsemi Corporation VSC7440 Datasheet HTML 288Page - Microsemi Corporation VSC7440 Datasheet HTML 289Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
268
GCPU forwarding is controlled per individual CPU queue. Stack ports have additional options for GCPU
forwarded frames.
The IFH.MISC.CPU_MASK field is used to select the GCPU forwarding configuration. If multiple bits are
set in this mask, the most significant bit is always used to control the GCPU forwarding. The
ANA_AC::CPU_CFG.ONE_CPU_COPY_ONLY_MASK register is used to control how the CPU_MASK
is set before the frame enters the rewriter. If the CPU_MASK field is 0, all GCPU forwarding is disabled.
GCPU frame forwarding must be enabled in the OQS per CPU queue using the
QFWD::FRAME_COPY_CFG.FRMC_PORT_VAL registers.
Table 187 •
GCPU Configuration Registers
Register
Description
Replication
GCPU_CFG.
GCPU_KEEP_IFH
Used when GCPU frames are forwarded to a front port.
Frames are sent with the IFH preserved. The IFH is encapsulated according
to the configuration. Setting GCPU_KEEP_IFH to a value different from 0
overrides the GCPU_TAG_SEL and GCPU_DO_NOT_REW settings for
front ports. No other rewrites are done to the frame.
The GCPU_KEEP_IFH setting is not active if PORT_CTRL.KEEP_IFH_SEL
is different from 0 or if PORT_CTRL.VSTAX_HDR_ENA = 1.
Per CPU Q
GCPU_CFG.
GCPU_DO_NOT_REW
Used when GCPU frames are forwarded to a front port.
Except for the optional tags configured in GCPU_CFG.GCPU_TAG_SEL,
frames are not modified when forwarded to the GCPU.
Per CPU Q
GCPU_CFG.
GCPU_TAG_SEL
The destination port type determines the functionality.
When a GCPU frame is forwarded to a stack port: Force a change of the
VSTAX.TAG to the configured values in GCPU_TAG_CFG:0.
When a GCPU frame is forwarded to a front port:
Optionally add one or two Q-tags to the frame. The tags are configured using
GCPU_TAG_CFG.
Per CPU Q
GCPU_CFG.
GCPU_FWD_MODE
Used when GCPU frames are forwarded to a stack port. Controls the value
of VSTAX.DST.DST_PN.
Per CPU Q
CPU_CFG.
GCPU_UPSPN
Used when GCPU frames are forwarded to a stack port.
CPU QUEUE to be used as destination queue for global CPU transmission.
The value depends on configuration and the value of
GCPU_CFG.GCPU_FWD_MODE. Controls the value of
VSTAX.DST.DST_PN.
Per CPU Q
GCPU_CFG.
GCPU_UPSID
Used when GCPU frames are forwarded to a stack port.
UPSID to be used as destination in the VStaX header. Sets
VSTAX.DST.DST_UPSID to configured value.
Per CPU Q
GCPU_TAG_CFG.
TAG_TPID_SEL
Configuration of Q-Tags for GCPU frames.
GCPU frames that are forwarded to a front port can optionally have one or
two IEEE 802.3 VLAN tags added. The tags will be placed in the outer most
position after the SMAC.
GCPU VLAN tag Protocol Identifiers (TPID).
2
GCPU_TAG_CFG.
TAG_VID_VAL
GCPU VLAN VID value.
2
GCPU_TAG_CFG.
TAG_DEI_VAL
GCPU VLAN DEI values.
2
GCPU_TAG_CFG.
TAG_PCP_SEL
Selection of GCPU VLAN PCP values.
2
GCPU_TAG_CFG.
TAG_PCP_VAL
GCPU VLAN PCP values.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com