Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 293 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 293 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 289Page - Microsemi Corporation VSC7440 Datasheet HTML 290Page - Microsemi Corporation VSC7440 Datasheet HTML 291Page - Microsemi Corporation VSC7440 Datasheet HTML 292Page - Microsemi Corporation VSC7440 Datasheet HTML 293Page - Microsemi Corporation VSC7440 Datasheet HTML 294Page - Microsemi Corporation VSC7440 Datasheet HTML 295Page - Microsemi Corporation VSC7440 Datasheet HTML 296Page - Microsemi Corporation VSC7440 Datasheet HTML 297Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
276
To enable bandwidth limiting down to very low data rates, the calculated IPG can be scaled. In other
words, multiplied by a power of 2 in the range 2 to 1024. By this it is possible to limit the data rate down
to 2.3% (for 1536 byte frames).
3.27.6.1 Setting Up Frame Overhead
The following table lists the frame overhead configuration registers.
To increase the minimum inter-packet gap for all packets, set
DSM::TX_RATE_LIMIT_MODE.TX_RATE_LIMIT_FRAME_OVERHEAD_ENA to 1, and set
DSM::RATE_CTRL.FRM_GAP_COMP to a value between 13 to 255.
For more information about the scaling feature if the GAP must be above 255, see Setting Up Transmit
Data Rate Limiting, page 275.
3.27.6.2 Setting Up Payload Data Rate
The following table lists the payload data rate configuration registers.
To limit the data rate relative to the transmitted payload, set
DSM::TX_RATE_LIMIT_MODE.TX_RATE_LIMIT_PAYLOAD_RATE_ENA to 1.
The inter-packet gap increase can be expressed as:
ΔIPG = 2S × (256/R) × L
Where:
S: Scaling factor DSM::TX_RATE_LIMIT_MODE.IPG_SCALE_VAL
R: Stretch ratio DSM::TX_IPG_STRETCH_RATIO_CFG.TX_FINE_IPG_STRETCH_RATIO
L: Payload length, possibly modified according to
DSM::TX_RATE_LIMIT_MODE.PAYLOAD_PREAM_CFG and
DSM::TX_RATE_LIMIT_MODE.PAYLOAD_CFG
Notes
Total IPG is 12 byte standard IPG plus IPG.
Values for R must not be below 1152 or above 518143.
Values for S must not be above 10.
Fractional parts of the resulting IPG value are carried forward to the next IPG.
Higher values for S allow for finer target accuracy/granularity on the cost of an increased IPG jitter.
The utilization can be expressed as:
U = L / (L + IPG) or
Table 202 •
Rate Limiting Frame Overhead Configuration Registers Overview
Target::Register.Field
Description
Replication
DSM::TX_RATE_LIMIT_MODE.
TX_RATE_LIMIT_FRAME_OVERHEAD_ENA
Enable txRateLimitFrameOverhead mode.
Per port
DSM::RATE_CTRL.FRM_GAP_COMP
Inter-packet gap to be used.
Per port
Table 203 •
Rate Limiting Payload Data Rate Configuration Registers Overview
Target::Register.Field
Description
Replication
DSM::TX_RATE_LIMIT_MODE.
TX_RATE_LIMIT_PAYLOAD_RATE_ENA
Enable txRateLimitPayloadRate mode.
Per port
DSM::TX_IPG_STRETCH_RATIO_CFG.
TX_FINE_IPG_STRETCH_RATIO
Stretch ratio.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com