Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 276 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 276 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 272Page - Microsemi Corporation VSC7440 Datasheet HTML 273Page - Microsemi Corporation VSC7440 Datasheet HTML 274Page - Microsemi Corporation VSC7440 Datasheet HTML 275Page - Microsemi Corporation VSC7440 Datasheet HTML 276Page - Microsemi Corporation VSC7440 Datasheet HTML 277Page - Microsemi Corporation VSC7440 Datasheet HTML 278Page - Microsemi Corporation VSC7440 Datasheet HTML 279Page - Microsemi Corporation VSC7440 Datasheet HTML 280Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
259
Both port counters and ESDX counters are updated based on pipeline points and actions. For more
information, see Rewriter Pipeline Handling, page 254. The ESDX statistics pipeline points can be
configured using the PORT_CTRL.INJ_STAT_PIPELINE_PT and
PORT_CTRL.XTR_STAT_PIPELINE_PT registers.
The following table shows when the counters are updated.
3.26.5.5 Protection Active
Using ES0, the rewriter is able to change various indexes based on the value of the
IFH.DST.ENCAP.PROT_ACTIVE field in the IFH.
•
Use the ES0 key field PROT_ACTIVE to change all ES0 actions when protection is active.
•
The numbers of ES0 keys are limited, so the same key can optionally generate two different indexes
based on the value of IFH.DST.ENCAP.PROT_ACTIVE. This is enabled using the ES0 action
PROTECTION_SEL.
•
The ENCAP_ID, ESDX_BASE and OAM_MEP_IDX indexes can be changed. These indexes are
used when enabled by PROTECTION_SEL: ENCAP_ID_P, ESDX_BASE_P, and
OAM_MEP_IDX_P.
3.26.6
Mapping Tables
The rewriter contains two mapping resources (A and B) that can be used to look up the following fields.
•
TC value in MPLS labels
•
DSCP value in IP frames
3
Use VID:
Index = Classified VID (IFH.VSTAX.TAG.VID), if no tag is pushed
Index = VID of outermost pushed tag, if a tag is pushed
Index = REW:VMID:RLEG_CTRL.RLEG_EVID (IFH.DST..ERLEG) if L3.
The frame color is used to count multicast frames:
Color = FRAME.ETH_LINK_LAYER.DMAC (bit 40).
The two MSB bits of the VID are ignored. 1,024 counter indexes are available.
Table 181 •
Egress Statistics Update
Counter
Is Updated When?
Port
Pipeline action is not Extract (action different from XTR, XTR_LATE_REW, XTR_UPMEP, and LBK_ASM).
Frame is transmitted (abort = 0).
Updated for all egress port numbers including virtual device (VD) and extraction CPU port numbers.
ESDX
The egress port is a physical port.
The frame matches the parameters configured in CNT_CTRL.STAT_MODE:
For extracted frames (Action: XTR, XTR_UPMEP and LBK_ASM):
The egress statics is located in the pipeline point, PORT_CTRL.XTR_STAT_PIPELINE_PT. Frames
extracted in or after this point are counted.
For injected frames (Action: INJ, INJ_x, LBK_QS):
The egress statics is located the pipeline point, PORT_CTRL.INJ_STAT_PIPELINE_PT. Frames injected in
or before this point are counted.
Frame is transmitted (abort = 0).
The pipeline action is different from XTR_LATE_REW.
Abort
A frame is aborted by REW or OQS (abort = 1).
Counting of frames aborted by REW must be enabled by setting
CNT_CTRL.STAT_CNT_FRM_ABORT_ENA.
Table 180 •
ESDX Index Selection (continued)
STAT_MODE
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com