Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 272 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 272 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 268Page - Microsemi Corporation VSC7440 Datasheet HTML 269Page - Microsemi Corporation VSC7440 Datasheet HTML 270Page - Microsemi Corporation VSC7440 Datasheet HTML 271Page - Microsemi Corporation VSC7440 Datasheet HTML 272Page - Microsemi Corporation VSC7440 Datasheet HTML 273Page - Microsemi Corporation VSC7440 Datasheet HTML 274Page - Microsemi Corporation VSC7440 Datasheet HTML 275Page - Microsemi Corporation VSC7440 Datasheet HTML 276Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
255
The following table lists the pipeline points available in the rewriter.
Each point in the flow assigns one of the possible pipeline actions listed in the following table.
Frames looped by the analyzer (PIPELINE_ACT = LBK_QS) have their ANA pipeline point changed to a
REW pipeline point, which indicates the point in the rewriter flow in REW where they appear again after
being looped. The following pipeline point translations are handled.
•
PIPELINE_PT = ANA_PORT_VOE is changed to REW_PORT_VOE
•
PIPELINE_PT = ANA_OU_VOE is changed to REW_OU_VOE
•
PIPELINE_PT = ANA_IN_VOE is changed to REW_IN_VOE
Frame forward and counter updates are done based on the assigned pipeline points and actions. In the
rewriter, pipeline points and actions can be assigned by ES0, the MIP, and the VOP.
Frames injected by a CPU can also have pipeline point and actions set in the injection IFH.
The rules listed in the following table apply when pipeline points are updated.
Table 173 •
Rewriter Pipeline Point Definitions
Pipeline Point
What can set it?
Position in Flow
NONE
Default
0
REW_IN_MIP
Inner MIP configured in rewriter
1
REW_IN_SW
Inner software MEP controlled by VCAP_ES0
2
REW_IN_VOE
Service VOE in VOP
3
REW_OU_VOE
Service VOE in VOP
4
REW_OU_SW
Outer software MEP controlled by VCAP_ES0
5
REW_OU_MIP
Outer software MIP configured in rewriter
6
REW_SAT
SAT software MEP controlled by VCAP_ES0
7
REW_PORT_VOE
Port VOE in VOP
8
REW_VRAP
Set in VRAP reply frame
9
Table 174 •
Pipeline Actions
Action Type
Name
Comment
Inject
INJ
INJ_MASQ
INJ_CENTRAL
Injection actions set by ANA are cleared when the frame enters the
rewriter by setting the pipeline point and action to NONE.
Extract
XTR
XTR_UPMEP
XTR_REW_LATE
XTR is set by ES0 and MIP.
XTR_UPMEP is also set by the VOP.
XTR_REW_LATE can only be set in ANA.
Loopback
LBK_ASM
LBK_QS
LBK_QS is set in ANA. This action is treated as an injection action
in the rewriter. LBK_ASM can be set by ES0 when looping frames
back to ANA. This action is treated as an extraction in the rewriter.
None
NONE
Default. No pipeline point and action is assigned to frame.
Table 175 •
Pipeline Point Updating Rules
Pipeline Action
Rule
None
The pipeline point and actions can be updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com