Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 108 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 101Page - STMicroelectronics L9918 Datasheet HTML 102Page - STMicroelectronics L9918 Datasheet HTML 103Page - STMicroelectronics L9918 Datasheet HTML 104Page - STMicroelectronics L9918 Datasheet HTML 105Page - STMicroelectronics L9918 Datasheet HTML 106Page - STMicroelectronics L9918 Datasheet HTML 107Page - STMicroelectronics L9918 Datasheet HTML 108Page - STMicroelectronics L9918 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 108 / 109 page
background image
List of figures
Figure 1.
Simplified application diagram ......................................................... 2
Figure 2.
Pins connection diagram (top view) ...................................................... 3
Figure 3.
Simplified block diagram ............................................................. 6
Figure 4.
L9918 finite state machine diagram ...................................................... 8
Figure 5.
Set point voltage tolerance versus temperature: example with 14V set point (VBSPLINRG or VBSPDEF). .... 14
Figure 6.
Dependency between B+ and EXC duty cycle in case of P_ANT regulation and I_ANT variation ........... 16
Figure 7.
Thermal compensation ............................................................. 16
Figure 8.
Low voltage function behavior ........................................................ 18
Figure 9.
Battery voltage range .............................................................. 18
Figure 10.
PH frequency calculation using adaptive PH thresholds calculation ............................... 23
Figure 11.
Load response control .............................................................. 27
Figure 12.
Pre-excitation specific mode: example 1 ................................................. 28
Figure 13.
Pre-excitation specific mode: example 2 ................................................. 29
Figure 14.
Excitation high side power MOS current measurement: working principle ........................... 30
Figure 15.
PENTAWATT In Line package outline ................................................... 47
L9918
List of figures
DS13000 - Rev 2
page 108/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com