Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 10Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 11Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 12Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 13Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 14Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 15Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 16Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 17Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 4-1. CP3SP33 Signal Descriptions
ALTERNATE
NAME
PINS
I/O
PRIMARY FUNCTION
I/O
ALTERNATE FUNCTION
NAME
CLKIN
1
Input
12 MHz Clock Input
RFCK
Input
RF Interface Clock
X1CKI
1
Input
12 MHz Oscillator Input
None
None
None
X1CKO
1
Output
12 MHz Oscillator Output
None
None
None
X2CKI
1
Input
32 kHz Oscillator Input
None
None
None
X2CKO
1
Output
32 kHz Oscillator Output
None
None
None
RESET
1
Input
Chip general reset
None
Input
None
Special mode select input with internal
ENV0
1
Input
TSTCLK0
Output
Internal Clock Output
pullup during reset
Special mode select input with internal
ENV1
1
Input
TSTCLK1
Output
Internal Clock Output
pullup during reset
VCC
4
Input
Core Logic, 1.8V Power Supply
None
None
None
GND
4
Input
Core Ground
None
None
None
IOVCC
12/6
Input
I/O 3.3V Power Supply
None
None
None
IOGND
12/6
Input
I/O Ground
None
None
None
PLLVCC
1
Input
PLL 1.8V Power Supply
None
None
None
PLLGND
1
Input
PLL Ground
None
None
None
ADVCC
1
Input
ADC 1.8V Power Supply
None
None
None
ADGND
1
Input
ADC Ground
None
None
None
TCDACVC
1
Input
Codec 3.3V Power Supply
None
None
None
C
TCDACGN
1
Input
Codec 3.3V Ground
None
None
None
D
TCADCVC
1
Input
Codec 1.8V Power Supply
None
None
None
C
TCADCGN
1
Input
Codec 1.8V Ground
None
None
None
D
RFVCC
1
Input
RF Interface Power Supply
None
None
None
RFGND
1
Input
RF Interface Ground
None
None
None
UVCC
1
Input
USB 3.3V Transceiver Supply
None
None
None
UGND
1
Input
USB 3.3V Transceiver Ground
None
None
None
CPU JTAG Test Mode Select (with internal
TMS
1
Input
None
None
None
weak pullup)
CPU JTAG Test Clock Input (with internal
TCK
1
Input
None
None
None
weak pullup)
CPU JTAG Test Data Input (with internal
TDI
1
Input
None
None
None
weak pullup)
TDO
1
Output
CPU JTAG Test Data Output
None
None
None
RDY
1
Output
NEXUS Ready Output
None
None
None
MCKO
1/0
Output
NEXUS Trace Clock Output
None
None
None
MSEO
1/0
Output
NEXUS Trace End of Message Output
None
None
None
DSP JTAG Test Mode Select (with internal
DSPTMS
1/0
Input
MDO0
Output
NEXUS Trace Data Output
weak pullup)
DSP JTAG Test Data Input (with internal
DSPTDI
1/0
Input
MDO1
Output
NEXUS Trace Data Output
weak pullup)
DSPTDO
1/0
Output
DSP JTAG Test Data Output
MDO2
Output
NEXUS Trace Data Output
DSP JTAG Test Clock Input (with internal
DSPTCK
1/0
Input
MDO3
Output
NEXUS Trace Data Output
weak pullup)
RFDATA
1
I/O
RF Interface Data
None
None
None
RFCE
1
Output
RF Interface Chip Enable
None
None
None
VBUS
1
Input
USB VSENSE (5V tol.)
None
None
None
14
Signal Descriptions
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com