Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 5Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 6Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 7Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 10Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 11Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 12Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
3.9
Audio/Telematics Codec
The on-chip codec is designed for voice input and stereo audio playback. It includes dual mono ADC
channels operating at a sample rate of 8–24 kHz (125× oversampling clock required). A stereo DAC
operates at selected sample rates from a 125× or 128× oversampling clock, driving two configurable, gain-
programmable differential line driver outputs. The DAC features click and pop reduction, zero-crossing
detection, tone/compensation filter, sidetone injection from the ADC, and internal power management. The
ADCs accept differential or single-ended analog microphone inputs. The DAC employs fully differential
signaling for high PSRR and low crosstalk. DMA transfers are supported to allow for fast CPU-
independent receive and transmit.
3.10 CVSD/PCM Conversion Modules
The two CVSD/PCM modules perform conversion between CVSD data and PCM data, in which the CVSD
encoding is as defined in the Bluetooth specification and the PCM data can be 8-bit µ-Law, 8-bit A-Law, or
13-bit to 16-bit Linear.
3.11 I
2S Digital Audio Bus
The Inter-IC Sound (I2S) interface is a synchronous serial interface intended for the transfer of digital
audio data. The I2S interface can be configured as a master or a slave, and it supports all three common
data formats: I2S-mode, left-justified, and right-justified. It has programmable word length from 8 to 32 bits
and programmable valid data resolution from 8 to 24 bits.
3.12 Advanced Audio Interface
The Advanced Audio Interface (AAI) provides a serial synchronous, full-duplex interface to codecs and
similar serial devices. Transmit and receive paths operate asynchronously with respect to each other.
Each path uses three signals for communication: shift clock, frame synchronization, and data.
When the receiver and transmitter use external shift clocks and frame sync signals, the interface operates
in its asynchronous mode. Alternatively, the transmit and receive path can share the same shift clock and
frame sync signals for synchronous mode operation.
3.13 Analog to Digital Converter
This device contains a 10-channel, multiplexed input, successive approximation, 10-bit Analog-to-Digital
Converter. It supports both single-ended and differential modes of operation.
The integrated 10-bit ADC provides the following features:
•
10-channel, multiplexed input
•
5 differential channels
•
Single-ended and differential external filtering capability
•
12-bit resolution; 10-bit accuracy
•
Sign bit
•
10-microsecond conversion time
•
External start trigger
•
Programmable start delay after start trigger
•
Poll or interrupt on conversion completion
The ADC provides several options for the voltage reference source. The positive reference can be
ADVCC (internal), VREF, ADC0, or ADC1. The negative reference can be AD-VCC (internal), ADC2, or
ADC3.
Two specific analog channel selection modes are supported. These are as follows:
•
Allow any specific channel to be selected at one time. The A/D Converter performs the specific
conversion requested and stops.
Copyright © 2013, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com