Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 14Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 15Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 16Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 17Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 18Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 19Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 20Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 21Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 407 page
background image
Dedicated Address Registers
23
31
PC
15
15
0
Processor Status Register
PSR
0
General-Purpose Registers
15
0
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
RA
SP
15
Configuration Register
CFG
0
ISPL
USPL
INTBASEL
ISPH
USPH
INTBASEH
31
DS004
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
5
CPU Architecture
The CP3SP33 uses the CR16CPlus third-generation 16-bit CompactRISC processor core. The CPU
implements a Reduced Instruction Set Computer (RISC) architecture that allows an effective execution
rate of up to one instruction per clock cycle. For a detailed description of the CR16CPlus architecture, see
the CompactRISC CR16C Programmer’s Reference Manual which is available on the Texas Instruments
web site (http://www.ti.com).
The CR16CPlus CPU core includes these internal registers:
•
General-purpose registers (R0-R13, RA, and SP)
•
Dedicated address registers (PC, ISP, USP, and INTBASE)
•
Processor Status Register (PSR)
•
Configuration Register (CFG)
The R0-R11, PSR, and CFG registers are 16 bits wide. The R12, R13, RA, SP, ISP and USP registers are
32 bits wide. The PC register is 24 bits wide. Figure 5-1 shows the CPU registers.
Figure 5-1. CPU Registers
Some register bits are designated as “reserved.” Software must write a zero to these bit locations when it
writes to the register. Read operations from reserved bit locations return undefined values.
5.1
General-Purpose Registers
The CompactRISC CPU features 16 general-purpose registers. These registers are used individually as
16-bit operands or as register pairs for operations on addresses greater than 16 bits.
•
General-purpose registers are defined as R0 through R13, RA, and SP.
•
Registers are grouped into pairs based on the setting of the Short Register bit in the Configuration
Register (CFG.SR). When the CFG.SR bit is set, the grouping of register pairs is upward-compatible
with the architecture of the earlier CR16A/B CPU cores: (R1,R0), (R2,R1) ... (R11,R10), (R12_L, R11),
(R13_L, R12_L), (R14_L, R13_L) and SP. (R14_L, R13_L) is the same as (RA,ERA).
•
When the CFG.SR bit is clear, register pairs are grouped in the manner used by native CR16CPlus
software: (R1,R0), (R2,R1) ... (R11,R10), (R12_L, R11), R12, R13, RA, SP. R12, R13, RA, and SP are
32-bit registers for holding addresses greater than 16 bits.
18
CPU Architecture
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com