Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 38 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 38 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 34Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 35Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 36Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 37Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 38Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 39Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 40Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 41Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 9-5. DSP and ASC Registers (continued)
NAME
ADDRESS
DESCRIPTION
ASCDDMASEL0
FF 6808h
ASC DSP DMA Channel Select Register 0
ASCDDMASEL1
FF 680Ch
ASC DSP DMA Channel Select Register 1
ASCDDMASEL2
FF 6810h
ASC DSP DMA Channel Select Register 2
ASCDDMASEL3
FF 6814h
ASC DSP DMA Channel Select Register 3
ASCINTSEL
FF 6818h
ASC Interrupt Controller Select Register
9.3.1
ASC DSP Control Register (ADMAC)
The ADMAC register is a 16-bit, read/write register used by the CPU to reset the DSP. After reset, this
register is 0000h.
15
1
0
Reserved
DSPRSTN
DSPRSTN The DSP Reset bit is used to assert reset to the DSP. The DSP reset signal is the OR
function of this bit and the CPU reset signal. CPU software must set this bit to enable the
DSP.
0 – DSP module reset.
1 – DSP module may run (if PCFG.DSPR is clear).
9.3.2
ASC DSP Status Register (ADMAS)
The ADMAS register is a 16-bit, read-only register that indicates whether the CPU host interface to the
DSP DMA controller is busy and whether the DSP in reset. After reset, this register is 0000h.
15
2
1
0
Reserved
RRSTN
PBUSY
PBUSY
The Port Busy bit indicates whether the CPU host interface to the DSP DMA controller is
busy. If the DSP write FIFO is full, the DSP read FIFO is empty (and a read has been
requested), or the PADR register has been written, this bit will be set. Software must poll the
PBUSY bit before using the CPU host interface to access the DSP memory space.
0 – CPU host interface is ready.
1 – CPU host interface is busy.
RRSTN
The Reflected Reset bit indicates whether the DSP is being held in reset.
0 – DSP is in reset.
1 – DSP is not in reset.
9.3.3
DSP DMA Channel 0 Data Register (PDATA)
The PDATA register is a 16-bit, read/write register that provides the CPU with access to the read and
write FIFOs for DSP DMA channel 0. Writing the register loads the write FIFO, and reading the register
unloads the read FIFO.
15
1
PDATA
38
DSP and Audio Peripherals
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com