Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 94 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 94 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 90Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 91Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 92Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 93Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 94Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 95Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 96Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 97Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 407 page
background image
GND
IOVCC
RESET
DS491
CP3SP33
IOVCC
LM3724
5-Pin Reset
Circuit
N Ÿ
Manual
Reset
SDI Reset
GND
IOVCC
RESET
DS489
CP3SP33
IOVCC
LM809
3-Pin Reset
Circuit
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 15-2. Simple External Reset
15.2.2 Manual and SDI External Reset
An external reset circuit based on the LM3724 5-Pin Microprocessor Reset Circuit is shown in Figure 15-3.
The LM3724 produces a 190-ms logic low reset pulse when the power supply rises above a threshold
voltage or a manual reset button is pressed. Various reset thresholds are available for the LM3724,
however the option for 3.08V is most suitable for a CP3SP33 device operating from an IOVCC at 3.3V.
Figure 15-3. Manual and SDI External Reset
The LM3724 provides a debounced input for a manual pushbutton reset switch. It also has an open-drain
output which can be used for implementing a wire-OR connection with a reset signal from a serial debug
interface. This circuit is typical of a design to be used in a development or evaluation environment,
however it is a good recommendation for all general CP3SP33 designs. If an SDI interface is not
implemented, an LM3722 with active pullup may be used.
94
Reset
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com