Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 45Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 46Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 47Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 48Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 49Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 50Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 51Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 52Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
10.4.1 Static Memory Control Register (SMCTLR)
The SMCTLR register is a 32-bit, read/write register that selects the bus width of the memory devices
associated with the chip selects. At reset, the register is initialized to 0000 0401h, which selects 16-bit
width for XCS2 and XCS0, and 32-bit width for XCS1. The register format is shown below.
31
16M M15
13M M12
10M M9
7M M6
0
Reserved
SM_DW_S2
SM_DW_S1
SM_DW_S0
Reserved
SM_DW_S0
The Static Memory Data Bus Width field selects the width of the XCS0 device.
000 – 16 bits.
001 – 32 bits.
100 – 8 bits.
SM_DW_S1
The Static Memory Data Bus Width field selects the width of the XCS1 device.
000 – 16 bits.
001 – 32 bits.
100 – 8 bits.
SM_DW_S2
The Static Memory Data Bus Width field selects the width of the XCS2 device.
000 – 16 bits.
001 – 32 bits.
100 – 8 bits.
10.4.2 Chip Select Register n (SCSLRn)
The SCSLRn registers are 32-bit, read/write registers that specify base addresses for the chip selects.
Only bits 31:16 can be used, because the minimum memory device size is 64K bytes. Additional bits are
masked off if the size exceeds 64K. At reset, the SCSLR0 register is initialized to 0040 0000h, SCSLR1 is
initialized to 0080 0000h, and SCSLR2 is initialized to 0100 0000h. The register format is shown below.
31
16M M15
0
EXT_BASE_ADDR
Reserved
EXT_BASE_ADDR The External Base Address field specifies the base address of the external memory
device enabled by the chip select.
Copyright © 2013, Texas Instruments Incorporated
External Bus Interface Unit
49
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com