Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 71 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 71 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 67Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 68Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 69Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 70Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 71Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 72Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 73Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 74Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 407 page
background image
DS430
1
0
0
0
1
0
INTGPBR
1
0
1
1
1
0
6
1
INTGPAR
IRQ5
IRQ1
Group 3
Group 2
IRQ3
IRQ4
Group 1
IRQ6
IRQ2
Group 0
Increasing Channel Priority
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
For example, if INTGPAR6:1 is loaded with 011101b and INTGPBR6:1 is loaded with 010001b, the priority
groups for these interrupts are assigned as shown in Figure 13-1.
Figure 13-1. Interruupt Priority Groups
If the six IRQ1 through IRQ6 interrupts are asserted, then IRQ6 is taken because this interrupt belongs to
the highest priority group (lowest group number), and it has the highest channel number within that group.
If only IRQ1 and IRQ5 are asserted, then IRQ5 is taken because this is the highest priority interrupt in
group 3 and there are no asserted interrupts in other groups.
13.4 Nested Interrupts
Nested NMI interrupts are permanently enabled when the ENLCK bit in the EXNMI register is used to
enable NMI interrupts. When nesting is not desired, the EN bit may be set to enable one occurrence of the
NMI interrupt, after which NMI interrupts are disabled until the EN bit is set again.
Nested maskable interrupts are disabled by default, because the I bit in the PSR is automatically cleared
when the interrupt is acknowledged. An interrupt handler can allow nested maskable interrupts by setting
the I bit using the LPR instruction.
Nesting of specific maskable interrupts can be selectively enabled or disabled using the IENR register,
before setting the I bit. Any number of levels of nested interrupts are allowed, limited only by the available
memory for the interrupt stack.
13.5 Software Interrupts
Setting a bit in the SOFTR register requests the corresponding maskable interrupt. The request stays
active until the bit is cleared by software or a device reset. Software interrupt requests are maskable in the
IENR registers, and active interrupts (from either hardware or software sources) are indicated in the ISTR
register.
13.6 Interrupt Controller Registers
Table 13-3 lists the interrupt controller registers.
Copyright © 2013, Texas Instruments Incorporated
Interrupts
71
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com