Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 73 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 73 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 69Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 70Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 71Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 72Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 73Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 74Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 75Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 76Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
31
3
2
1
0
Reserved
ENLCK
PIN
EN
EN
The EXNMI trap enable bit is one of two bits that can be used to enable NMI interrupts. The bit
is cleared by hardware at reset and whenever the NMI interrupt occurs (EXNMI.EXT set). It is
intended for applications where the NMI input toggles frequently but nested NMI traps are not
desired. For these applications, the EN bit needs to be re-enabled before exiting the trap
handler. When used this way, the ENLCK bit should never be set. The EN bit can be set and
cleared by software (software can set this bit only if EXNMI.EXT is cleared), and should only be
set after the interrupt base register and the interrupt stack pointer have been set up.
0 – NMI interrupts not enabled by this bit (but may be enabled by the ENLCK bit).
1 – NMI interrupts enabled.
PIN
The PIN bit indicates the state (non-inverted) on the NMI input pin. This bit is read-only, data
written into it is ignored.
0 – NMI pin not asserted.
1 – NMI pin asserted.
ENLCK
The EXNMI trap enable lock bit is used to permanently enable NMI interrupts. Only a device
reset can clear the ENLCK bit. This allows the external NMI feature to be enabled after the
interrupt base register and the interrupt stack pointer have been set up. When the ENLCK bit is
set, the EN bit is ignored.
0 – NMI interrupts not enabled by this bit (but may be enabled by the EN bit).
1 – NMI interrupts enabled.
13.6.4 Interrupt Enable and Mask Register 0 (IENR0)
The IENR0 register is a 32-bit, read/write register which holds bits that individually enable and disable the
maskable interrupt sources IRQ1 to IRQ31. The register is initialized to 0000 0000h at reset.
31
1M
0
IEN0
Reserved
IEN0
Each Interrupt Enable bit enables or disables the corresponding interrupt channels IRQ1 through
IRQ31. Because IRQ0 is not used, bit 0 is ignored.
0 – Interrupt is disabled.
1 – Interrupt is enabled.
13.6.5 Interrupt Enable and Mask Register 1 (IENR1)
The IENR1 register is a 32-bit, read/write register which holds bits that individually enable and disable the
maskable interrupt sources IRQ63 to IRQ32. The register is initialized to 0000 0000h at reset.
31
0
IEN1
IEN1
Each Interrupt Enable bit enables or disables the corresponding interrupt channels IRQ32
through IRQ63.
0 – Interrupt is disabled.
1 – Interrupt is enabled.
13.6.6 Interrupt Enable and Mask Register 2 (IENR2)
The IENR2 register is a 32-bit, read/write register which holds bits that individually enable and disable the
maskable interrupt sources IRQ70 to IRQ64. Only bits 6:0 of this register are used. The register is
initialized to 0000 0000h at reset.
Copyright © 2013, Texas Instruments Incorporated
Interrupts
73
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com