Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 88 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 88 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 84Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 85Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 86Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 87Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 88Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 89Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 90Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 91Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
14.8.1 Clock and Reset Control Register (PMMCKCTL)
The PMMCKCTL register is a byte-wide, read/write register that controls the clock selection and contains
the power-on reset status bit. At reset, the PMMCKCTL register is initialized as described below:
7
5 4
3
2
1
0
Reserved
FCLKSRC
SCLK
Reserved
POR
POR
The Power-On-Reset bit is set when a power-on condition has been detected. This bit can
only be cleared by software, not set. Writing a 1 to this bit will be ignored, and the previous
value of the bit will be unchanged.
0 – Software cleared this bit.
1 – Software has not cleared his bit since the last reset.
SCLK
The Slow Clock Select bit controls the clock source used for the Slow Clock. If set while
the low-frequency oscillator is not stable, this bit will read as 1 but the clock source will not
switch until the low-frequency oscillator is stable. This bit cannot be cleared while the high-
frequency oscillator is not stable. At reset, this bit is cleared.
0 – Slow Clock driven by prescaled Main Clock.
1 – Request asserted to drive Slow Clock from the 32.768 kHz oscillator.
FCLKSRC
The Fast Clock Source field selects the clock source used to generate HCLK Clock. After
reset, the Main Clock is selected. Requesting a switch to a PLL Clock while the
corresponding PMMPLLn.CTL2.PLLCLKSTB bit is clear (PLL Clock not stable) will be
stalled until the PLL Clock is stable. When switching between PLL Clocks, there must be
an intermediate step in which Main Clock is selected. At reset, this field is initialized to 11b.
00 – PLL1.
01 – PLL2.
10 – Reserved.
11 – Main Clock.
14.8.2 Clock Status Register (PMMSR)
The PMMSR register is a byte-wide read-only register that holds the two bits which indicate whether the
high-frequency oscillator and the low-frequency oscillator are stable.
7
2
1
0
Reserved
MCLKSTB
SCLKSTB
SCLKSTB
The Slow Clock Stable bit indicates whether the low-frequency oscillator is producing a
stable clock.
0 – Low-frequency oscillator is unstable, disabled, or not oscillating.
1 – Low-frequency oscillator is available.
MCLKSTB
The Main Clock Stable bit indicates whether the high-frequency oscillator is producing a
stable clock.
0 – High-frequency oscillator is unstable, disabled, or not oscillating.
1 – High-frequency oscillator is available.
14.8.3 HCLK Clock Prescaler Register (PMMPRSHC)
The PMMPRSHC register is a 16-bit read/write register that holds the 12-bit prescaler available to
generate HCLK Clock. The register is initialized to 001Fh at reset.
15
12M M11
0
Reserved
HPHCLK
88
Clock Generation
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com