Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 51 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 51 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 47Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 48Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 49Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 50Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 51Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 52Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 53Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 54Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
10.4.4 Static Memory Timing Register n (SMTMGR_SETn)
The SMTMGR_SETn registers are 32-bit, read/write registers that specify timing parameters that can be
selected by the REG_SEL field in the SMSKRn registers. Any SMSKRn register may select any
SMTMGR_SETn register. At reset, the SMTMGR_SET0 register is initialized to 0002 0D45h, the
SMTMGR_SET1 register is initialized to 0012 0D45h, and the SMTMGR_SET2 register is initialized to
001A 0D45h. The register format is shown below.
31
30 29
28 27
26 25
24
23
22
19 18
16 15
10 9
8 7
6 5
0
Res.
SMRP
Res.
PS
PM
T_PRC
T_BTA
T_WR
T_WR
T)AS
T_RC
T_RC
The tRC field + 1 specifies the number of HCLK Clock cycles in a read cycle
T_AS
The tAS field specifies the number of HCLK Clock cycles in the write address setup time.
00 – Reserved.
01 – 1 cycle.
10 – 2 cycles.
11 – 3 cycles.
T_WR
The tWR field specifies the number of HCLK Clock cycles in the write address data hold time.
T_WP
The tWP field + 1 specifies the number of HCLK Clock cycles in a write pulse.
T_BTA
The tBTA field + 1 specifies the number of HCLK Clock cycles in the bus turnaround time. The
same value is used for read-to-write and write-to-read turnaround.
T_PRC
The tPRC field + 1 specifies the number of HCLK Clock cycles in the page-mode read cycle
time.
PM
The Page Mode bit specifies whether page mode is used to access the device
0 – Page mode disabled.
1 – Page mode enabled.
PS
The Page Size field specifies the page size. If the page size is larger than 64 bytes, the PS
field should be set to 11b.
00 – 8 bytes.
01 – 16 bytes.
10 – 32 bytes.
11 – 64 bytes.
SMRP
The Static Memory Read Pipe field specifies the number of registers inserted into the read data
path for correctly latching the data.
10.4.5 Flash tRPD Timing Register (FLASH_TRPDR)
The FLASH_TRPDR register is a 32-bit, read/write register that specifies the number of clock cycles
between flash memory reset/power-down and the first flash read/write cycle. At reset, the FLASH_TRPDR
register is initialized to 0000 00C8h.
31
12M M11
0
Reserved
T_RPD
T_RPD
The tRPD field + 1 specifies the number of clock cycles between flash memory reset/ power-
down and the first flash memory read/ write cycles. At reset, the default is 201 cycles
(value = C8h = 200d).
Copyright © 2013, Texas Instruments Incorporated
External Bus Interface Unit
51
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com