Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 54 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 54 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 50Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 51Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 52Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 53Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 54Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 55Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 56Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 57Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
FREEZE
The Freeze bit controls whether the device is placed in Freeze mode, which is a debugging
mode that inhibits certain automatic state changes in register bits, such as timers and clear-
on-read registers. See Section 11.2 for more information about Freeze mode. The Serial
Debug Interface (SDI) also has the capability of putting the device in Freeze mode through
a separate mechanism.
0 – Freeze mode disabled.
1 – Freeze mode enabled.
11.5 Module Status Register (MSTAT)
The MSTAT register is a byte-wide, read-only register that indicates the general status of the device. The
MSTAT register format is shown below. At reset, the MSTAT register is initialized to 00h, except for bits 0
and 1 which are sampled from the ENV pins.
7
6
5
2M M1
0M
ISPRST
WDRST
Reserved
OENV
OENV
The Operating Environment bits hold the states sampled from the ENV[1:0] input pins at reset.
These states are controlled by external hardware at reset and are held constant in the register
until the next reset.
WDRST
The Watchdog Reset bit indicates that a Watchdog timer reset has occurred. Write a 1 to this
bit to clear it. Power-on reset also clears this bit.
0 – No Watchdog timer reset has occurred since this bit was last cleared.
1 – A Watchdog timer reset has occurred since this bit was last cleared.
ISPRST
The Software ISP Reset bit indicates that a SWRESET(ISP) reset has occurred since the bit
was last cleared. This bit is cleared by a SWRESET(CLR) sequence or a power-on reset. See
the description of the SWRESET register for more information.
0 – No SWRESET(ISP) reset has occurred since this bit was last cleared.
1 – A SWRESET(ISP) reset has occurred since this bit was last cleared.
11.6 Software Reset Register (SWRESET)
The SWRESET register is an 8-bit, write-only register which provides a mechanism for software to initiate
a reset. There are two software reset sequences, called SWRESET(ISP) and SWRESET(CLR), which are
provided for compatibility with other CP3000 devices that have an in-system programming (ISP) mode,
however the CP3SP33 does not have an ISP mode.
To initiate a SWRESET(ISP) reset, write the value E1h to the SWRESET register, followed within 127
PCLK Clock cycles by writing the value 3Eh. The reset then follows immediately. After the
SWRESET(ISP) reset occurs, the ISPRST bit in the MSTAT register is set.
To initiate a SWRESET(CLR) reset, write the value E1h to the SWRESET register, followed within 127
PCLK Clock cycles by writing the value 0Eh. The reset then follows immediately. After the
SWRESET(CLR) reset occurs, the ISPRST bit in the MSTAT register is clear.
11.7 System Configuration Register (SYSCFG)
The SYSCFG register is a byte-wide, read/write register that indicates the general status of the device.
The SYSCFG register format is shown below. At reset, the SYSCFG register is initialized to 00h.
7
6
4
3
2
1
0
XDPUDIS
Reserved
USBIDDIGPUEN
USBHCLKDIS
BTHCKLDIS
RFCKEN
54
System Configuration
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com