Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 79 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 79 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 75Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 76Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 77Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 78Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 79Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 80Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 81Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 82Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 407 page
background image
C1
12 MHz
Crystal
C2
GND
X1CKI
X1CKO
DS189
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 14-2 shows the external crystal network for the X1CKI and X1CKO pins. The crystal must be an
AT-cut type. Figure 14-3 shows the external crystal network for the X2CKI and X2CKO pins. The crystal
may be an N-cut or XY-bar type. Table 14-1 shows the component specifications for the 12-MHz crystal
network, and Table 14-2 shows the component specifications for the 32.768 kHz crystal network.
Figure 14-2. 12 MHz Oscillator Crystal Network
Table 14-1. 12 MHz Oscillator Component Values
SYMBOL
COMPONENT
PARAMETER
MIN
TYP
MAX
f
Crystal
Resonant Frequency
12 MHz
Rm
Crystal
Motional Resistance (ESR)
50
Ω
C0
Crystal
Case Capacitance
7 pF
C1, C2
Capacitors
External Capacitance
22 pF
CL
Capacitors
Load Capacitance
11 pF
Copyright © 2013, Texas Instruments Incorporated
Clock Generation
79
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com