Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 72 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 72 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 68Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 69Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 70Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 71Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 72Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 73Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 74Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 75Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 13-3. Interrupt Controller Registers
NAME
ADDRESS
DESCRIPTION
IVECT
FF FE00h
Interrupt Vector Register
NMISTAT
FF FE04h
Non-Maskable Interrupt Status Register
EXNMI
FF FE08h
External NMI Trap Control and Status Register
ISTR0
FF FE10h
Interrupt Status Register 0
ISTR1
FF FE14h
Interrupt Status Register 1
ISTR2
FF FE18h
Interrupt Status Register 2
IENR0
FF FE20h
Interrupt Enable and Mask Register 0
IENR1
FF FE24h
Interrupt Enable and Mask Register 1
IENR2
FF FE28h
Interrupt Enable and Mask Register 2
SOFTR0
FF FE40h
Software Interrupt Register 0
SOFTR1
FF FE44h
Software Interrupt Register 1
SOFTR2
FF FE48h
Software Interrupt Register 2
INTGPAR0
FF FE50h
Interrupt Priority Group A Register 0
INTGPAR1
FF FE58h
Interrupt Priority Group A Register 1
INTGPAR2
FF FE60h
Interrupt Priority Group A Register 2
INTGPBR0
FF FE54h
Interrupt Priority Group B Register 0
INTGPBR1
FF FE5Ch
Interrupt Priority Group B Register 1
INTGPBR2
FF FE64h
Interrupt Priority Group B Register 2
IDBG
FF FEFCh
Interrupt Debug Register
13.6.1 Interrupt Vector Register (IVCT)
The IVCT register is a 32-bit, read-only register which reports the encoded value of the highest priority
maskable interrupt that is both asserted and enabled. The register is read by the CPU during an interrupt
acknowledge bus cycle, and INTVECT is valid during that time. It may contain invalid data while INTVECT
is updated. The register is initialized to 0000 0010h at reset.
31
8M 7
0
Reserved
INTVECT
INTVECT
The Interrupt Vector field indicates the highest priority interrupt which is both asserted and
enabled. The valid range is from 10h to 56h.
13.6.2 Non-Maskable Interrupt Status Register (NMISTAT)
The NMISTAT register is a 32-bit, read-only register. It holds the status of the current pending Non-
Maskable Interrupt (NMI) requests. On the CP3SP33, the external NMI input is the only source of NMI
interrupts. The NMISTAT register is cleared on reset and each time its contents are read.
31
1M
0
Reserved
EXT
EXT
The External NMI request bit indicates whether an external non-maskable interrupt request has
occurred. Refer to the description of the EXNMI register below for additional details.
0 – No external NMI request.
1 – External NMI request has occurred.
13.6.3 External NMI Trap Control and Status Register (EXNMI)
The EXNMI register is a 32-bit, read/write register. It indicates the current value of the NMI pin and
controls the NMI interrupt trap generation based on a falling edge of the NMI pin. ENCLK, PIN, and EN
are cleared on reset. When writing to this register, all reserved bits must be written with 0 for the device to
function properly
72
Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com