Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 17Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 18Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 19Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 20Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 21Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 22Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 23Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 24Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
5.4
Configuration Register (CFG)
The CFG register is used to enable or disable various operating modes and to control optional on-chip
caches. All CFG bits are cleared on reset.
15
10
9
8
7
6
5
4
3
2
1
0
Reserved
SR
ED
0
0
LIC
IC
Reserved
0
0
IC
The Instruction Cache bit controls whether the 4K-byte instruction cache is enabled for satifying
instruction fetches by the CPU. When the instruction cache is disabled, every instruction fetch is
propagated to the CPU core bus. Disabling the cache automatically invalidates all of the cache
entries. When the cache is enabled, instruction fetches that are cache hits do not result in bus
cycles on the CPU core bus.
0 – Instruction cache disabled.
1 – Instruction cache enabled.
LIC
The Lock Instruction Cache bit controls whether the 4K-byte instruction cache is locked. When the
instruction cache is locked, no new entries are allocated as a result of cache misses, however
cache hits continue to be handled by the cache.
0 – Instruction cache is not locked.
1 – Instruction cache is locked.
ED
The Extended Dispatch bit selects whether the size of an entry in the interrupt dispatch table (IDT)
is 16 or 32 bits. Each entry holds the address of the appropriate exception handler. When the IDT
has 16-bit entries, and all exception handlers must reside in the first 128K of the address space.
The location of the IDT is held in the INTBASE register, which is not affected by the state of the
ED bit.
0 – Interrupt dispatch table has 16-bit entries.
1 – Interrupt dispatch table has 32-bit entries.
SR
The Short Register bit enables a compatibility mode for the CR16B large model. In the CR16CPlus
core, registers R12, R13, and RA are extended to 32 bits. In the CR16B large model, only the
lower 16 bits of these registers are used, and these “short registers” are paired together for 32-bit
operations. In this mode, the (RA, R13) register pair is used as the extended RA register, and
address displacements relative to a single register are supported with offsets of 0 and 14 bits in
place of the index addressing with these displacements.
0 – 32-bit registers are used.
1 – 16-bit registers are used (CR16B mode).
5.5
Addressing Modes
The CR16CPlus CPU core implements a load/store architecture, in which arithmetic and logical
instructions operate on register operands. Memory operands are made accessible in registers using load
and store instructions. For effIcient implementation of I/O-intensive embedded applications, the
architecture also provides a set of bit operations that operate on memory operands.
The load and store instructions support these addressing modes: register/pair, immediate, relative,
absolute, and index addressing. When register pairs are used, the lower bits are in the lower index
register and the upper bits are in the higher index register. When the CFG.SR bit is clear, the 32-bit
registers R12, R13, RA, and SP are also treated as register pairs.
References to register pairs in assembly language use parentheses. With a register pair, the lower
numbered register pair must be on the right. For example,
jump (r5, r4)
load $4(r4,r3), (r6,r5)
load $5(r12), (r13)
The instruction set supports the following addressing modes:
Copyright © 2013, Texas Instruments Incorporated
CPU Architecture
21
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com