Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 60 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 60 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 56Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 57Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 58Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 59Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 60Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 61Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 62Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 63Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
12.3.3 Auto-Initialize Mode
This mode causes the DMA channel to repeat the same operation continuously without software
intervention. The operation is repeated until the channel is disabled.
12.3.3.1 Initialization
1. Select the peripheral device by writing the SRCRQ field in the DMACNTn register.
2. Write the block addresses and byte count into the ADCAn, ADCBn, and BLTCn counters, as well as
the ADRAn, ADRBn, and BLTRn registers.
3. Set the DMACNTn.OT bit to select auto-initialize mode.
4. Set the DMACNTn.CHEN bit to activate the channel and enable it to respond to DMA transfer
requests. If the DMACNTn register is loaded for any other reason, the DMACNTn.CHEN bit must be
clear to avoid prematurely starting a new DMA transfer.
12.3.3.2 Continuation
When the BLTCn counter reaches 0 (DMACNTn.PF = 0) or the last request has been processed
(DMACNTn.PF = 1):
1. The contents of the ADRAn, ADRBn, and BLTRn registers are copied to the ADCAn, ADCBn, and
BLTCn counters.
2. The DMAC channel checks the value of the DMASTAT.TC bit.
If the DMASTAT.TC bit is set and the DMACNTn.PF bit is clear:
1. The DMASTAT.OVR bit is set.
2. If enabled by the DMACNTn.EOVR bit, an interrupt is asserted.
3. The DMAC operation is repeated.
If the DMASTAT.TC and DMACNTn.PF bits are clear:
1. The DMASTAT.TC bit is set.
2. If enabled by the DMACNTn.ETC bit, an interrupt is asserted.
3. The DMAC operation is repeated.
12.3.3.3 Termination
The DMA transfer is terminated when the DMACNTn.CHEN bit is cleared.
12.4 Software DMA Request
In addition to the hardware requests from peripherals, a DMA transfer request can also be initiated by
software. A software DMA transfer request is used for memory-to-memory block transfers.
When the DMACNTn.SWRQ bit is set, the corresponding DMA channel receives a software DMA request.
When the DMACNTn.SWRQ bit is clear, the software DMA request for the channel is inactive.
A software DMA request may only be asserted when the associated peripheral DMA request is disabled
and the channel is inactive. Software can poll the DMASTAT.CHAC bit to determine whether the channel
is currently active.
When the DMACNTn.DIR bit is 0, the first bus cycle reads data from the source using the ADCAn counter,
while the second bus cycle writes the data into the destination using the ADCBn counter. When the
DMACNTn.DIR bit is set, the first bus cycle reads data from the source using the ADCBn counter, while
the second bus cycle writes the data into the destination addressed by the ADCAn counter.
60
CPU DMA Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com