Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 16Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 17Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 18Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 19Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 20Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 21Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 22Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 23Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
L
The Low bit indicates the result of the last comparison operation, with the operands interpreted as
unsigned integers.
0 – Second operand greater than or equal to first operand.
1 – Second operand less than first operand.
U
The User Mode bit controls whether the CPU is in user or supervisor mode. In supervisor mode, the
SP register is used for stack operations. In user mode, the USP register is used instead. User mode
is entered by executing the Jump USR instruction. When an exception is taken, the exception
handler automatically begins execution in supervisor mode. The USP register is accessible using the
Load Processor Register (LPR/LPRD) instruction in supervisor mode. In user mode, an attempt to
access the USP register generates a UND trap. 0 – CPU is executing in supervisor mode. 1 – CPU
is executing in user mode.
F
The Flag bit is a general condition flag for signaling exception conditions or distinguishing the results
of an instruction, among other thing uses. For example, integer arithmetic instructions use the F bit
to indicate an overflow condition after an addition or subtraction operation
Z
The Zero bit is used by comparison operations. In a comparison of integers, the Z bit is set if the two
operands are equal. If the operands are unequal, the Z bit is cleared.
0 – Source and destination operands unequal.
1 – Source and destination operands equal.
N
The Negative bit indicates the result of the last comparison operation, with the operands interpreted
as signed integers.
0 – Second operand greater than or equal to first operand.
1 – Second operand less than first operand.
E
The Local Maskable Interrupt Enable bit enables or disables maskable interrupts. If this bit and the
Global Maskable Interrupt Enable (I) bit are both set, all interrupts are enabled. If either of these bits
is clear, only the nonmaskable interrupt is enabled. The E bit is set by the Enable Interrupts (EI)
instruction and cleared by the Disable Interrupts (DI) instruction.
0 – Maskable interrupts disabled.
1 – Maskable interrupts enabled.
P
The Trace Trap Pending bit is used together with the Trace (T) bit to prevent a Trace (TRC) trap
from occurring more than once for one instruction. At the beginning of the execution of an
instruction, the state of the T bit is copied into the P bit. If the P bit remains set at the end of the
instruction execution, the TRC trap is taken.
0 – No trace trap pending.
1 – Trace trap pending.
I
The Global Maskable Interrupt Enable bit is used to enable or disable maskable interrupts. If this bit
and the Local Maskable Interrupt Enable (E) bit are both set, all maskable interrupts are taken. If
either bit is clear, only the non-maskable interrupt is taken. Unlike the E bit, the I bit is automatically
cleared when an interrupt occurs and automatically set upon completion of an interrupt handler.
0 – Maskable interrupts disabled.
1 – Maskable interrupts enabled.
Bits Z, C, L, N, and F of the PSR are referenced from assembly language by the condition code in
conditional branch instructions. A conditional branch instruction may cause a branch in program execution,
based on the value of one or more of these PSR bits. For example, one of the Bcond instructions, BEQ
(Branch EQual), causes a branch if the PSR.Z bit is set.
On reset, bits 0 through 11 of the PSR are cleared, except for the PSR.E bit, which is set. On warm reset,
the values of each bit before reset are copied into the R2 general-purpose register. Bits 4 and 8 of the
PSR have a constant value of 0. Bits 12 through 15 are reserved. In general, status bits are modified only
by specific instructions. Otherwise, status bits maintain their values throughout instructions which do not
implicitly affect them.
20
CPU Architecture
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com