Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 23Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 24Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 25Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 26Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 27Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 28Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 29Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 30Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
6
Memory
The CP3SP33 supports a uniform 256M-byte linear address space. Program memory must reside in the
first 16M bytes of the address space. Table 6-1 lists the types of memory and peripherals that occupy this
memory space. Reserved addresses must not be read or written.
Table 6-1. CP3SP33 Memory Map
START ADDRESS
END ADDRESS
SIZE IN BYTES
DESCRIPTION
0000 0000h
0000 7FFFh
32K
System RAM
0000 8000h
0000 FFFFh
32K
Reserved
0001 0000h
0001 0FFFh
4K
CPU/DSP Shared RAM
0001 1000h
0001 1FFFh
4K
Reserved
0001 2000h
0001 207Fh
128
Bluetooth Registers
0001 2080h
0001 20FFh
128
Reserved
0001 2100h
0001 24FFh
1K
Bluetooth Sequencer RAM
0001 2500h
0001 3DBFh
6336
Bluetooth Data RAM (Shared RAM)
0001 3DC0h
0001 FFFFh
49,728
Reserved
0002 0000h
00FE FFFFh
16M 192K
Available for External Bus Devices
00FF 0000h
00FF 03FFh
1K
External Bus Interface Unit Registers
00FF 0400h
00FF 07FFh
1K
DMA Controller Registers
00FF 0800h
00FF 0FFFh
2K
USB Controller
00FF 1000h
00FF 3FFFh
12K
Reserved
00FF 4000h
00FF 43FFh
1K
I2S Digital Audio Interface
00FF 4400h
00FF 47FFh
1K
Audio Codec
00FF 4800h
00FF 4BFFh
1K
CVSD/PCM Converter 0
00FF 4C00h
00FF 4FFFh
1K
CVSD/PCM Converter 1
00FF 5000h
00FF 53FFh
1K
Advanced Audio Interface
00FF 5400h
00FF 57FFh
1K
ACCESS.bus 1 Interface
00FF 5800h
00FF 5BFFh
1K
Microwire/SPI 1 Interface
00FF 5C00h
00FF 5FFFh
1K
UART3
00FF 6000h
00FF 63FFh
1K
Multi-Function Timer 1
00FF 6400h
00FF 67FFh
1K
Port G
00FF 6800h
00FF 6BFFh
1K
Audio Subsystem Controller
00FF 6C00h
00FF 7FFFh
5K
Reserved
00FF 8000h
00FF 83FFh
1K
ACCESS.bus 0 Interface
00FF 8400h
00FF 87FFh
1K
Microwire/SPI 0 Interface
00FF 8800h
00FF 8BFFh
1K
Versatile Timer Unit 0
00FF 8C00h
00FF 8FFFh
1K
Versatile Timer Unit 1
00FF 9000h
00FF 93FFh
1K
Multi-Function Timer 0
00FF 9400h
00FF 97FFh
1K
USART0
00FF 9800h
00FF 9BFFh
1K
UART1
00FF 9C00h
00FF 9FFFh
1K
UART2
00FF A000h
00FF A3FFh
1K
Timing and Watchdog Module
00FF A400h
00FF A7FFh
1K
Power Management Module
00FF A800h
00FF ABFFh
1K
Real-Time Clock
00FF AC00h
00FF AFFFh
1K
Analog/Digital Converter
00FF B000h
00FF B7FFh
2K
Reserved
00FF B800h
00FF BBFFh
1K
CAN0 Buffers and Registers
00FF BC00h
00FF BFFFh
1K
CAN1 Buffers and Registers
00FF C000h
00FF C3FFh
1K
Multi-Input Wake-Up Unit
Copyright © 2013, Texas Instruments Incorporated
Memory
27
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com