Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 97 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 97 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 93Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 94Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 95Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 96Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 97Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 98Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 99Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 100Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 16-2. Module Activity Summary (continued)
POWER MODE
MODULE
CLOCK SOURCE(s)
ACTIVE
POWER SAVE
IDLE
HALT
I2S Interface
On/Off
On/Off
On/Off
Off
Aux Clk 5, PCLK Clock, TCIO1
USB
On/Off
On/Off
On/Off
Off
Aux Clk 6
DSP
On/Off
On/Off
On/Off
Off
Aux Clk 7
AAI
On/Off
On/Off
On/Off
Off
Aux Clk 1, Aux Clk 8
All Others
On/Off
On/Off
Off
Off
HCLK Clock, PCLK Clock
A module shown as On/Off in Table 16-2 may be enabled or disabled by software. A module shown as
Active continues to operate even while its clock is suspended, which allows wake-up events to be
processed during Idle and Halt modes.
16.1 Active Mode
In Active mode, the high-frequency oscillator is active and generates the 12-MHz Main Clock. If the PLL
Clocks are not needed, the PLLs may remain powered off. Most devices on the CPU core bus are driven
by HCLK Clock, and most APB bus devices are driven by PCLK Clock.
When entering Active mode from a mode in which the high-frequency oscillator, PLLs, or low-frequency
clock were powered down, the mode switch will be stalled until the high-frequency oscillator, any enabled
PLL, and the low-frequency oscillator (if enabled) are producing stable clocks.
The activity of peripheral modules is controlled by their enable bits. Power consumption can be reduced in
Active mode by selectively disabling modules and by executing the WAIT instruction. When the WAIT
instruction is executed, the CPU stops executing new instructions until it receives an interrupt signal.
16.2 Power Save Mode
In Power Save mode, Slow Clock is used as the HCLK Clock which drives the CPU and core bus
modules. Power Save mode is intended for applications in which a low level of processing is required
during low-power standby, for example if software needs to detect events for which no hardware wake-up
signal is available.
If Slow Clock is driven by the 32.768 kHz oscillator and no on-chip module currently requires the 12-MHz
Main Clock, software can disable the high-frequency oscillator to further reduce power consumption. The
auxiliary clocks can be turned off under software control before switching to a reduced power mode, or
they may remain active as long as they have an active clock source.
If a PLL Clock is not used to generate HCLK Clock or an auxiliary clock, the corresponding PLL can be
powered down. Control over whether Main Clock and the PLLs are running can be controlled by the
Bluetooth controller through the Hardware Clock Control function (described in Section ), if enabled.
In Power Save mode, some modules are disabled or their operation is restricted. Other modules, including
the CPU, continue to function normally, but operate at a reduced clock rate. See the module descriptions
for details of each module’s activity in Power Save mode.
16.3 Idle Mode
In Idle mode, the HCLK Clock and PCLK Clock are disabled and therefore the clock is stopped to most
modules of the device. Idle mode is intended for applications in which no processing is required during
low-power standby, but the capability is needed to break out of the mode due to activity on the Bluetooth
interface or expiration of the watchdog timer. Idle mode can only be entered from Power Save mode.
Copyright © 2013, Texas Instruments Incorporated
Power Management Module
97
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com