Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 43 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 43 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 39Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 40Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 41Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 42Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 43Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 44Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 45Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 46Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
15
5
4
3
2
1
0
Reserved
DCH20
DCH19
DCH18
DCH17
DCH16
DCHn
The DMA Controller Select bit controls which DMA controller receives the DMA request and
returns the DMA acknowledge signal for the corresponding ASC DMA channel.
0 – CPU DMA controller is selected.
1 – DSP DMA controller is selected.
9.3.14 ASC DSP DMA Channel Select Register n (ASCDDMASELn)
The ASCDDMASELn registers are 16-bit, read/write registers that provide 5-bit fields for specifying the
ASC DMA channels (listed in Table 12) that activate the corresponding DSP DMA channels. Each
ASCDDMASELn register provides fields for two DMA channels. ASCDDMASEL0 controls channels 0 and
1, ASCDDMASEL1 controls channels 2 and 3, ASCDDMASEL2 controls channels 4 and 5, and
ASCDDMASEL3 controls channels 6 and 7. After reset, these registers are clear.
15
13M M12
8M M7
5M M4
0
Reserved
DDMA(2n+1)
Reserved
DDMA(2n)
DDMA
The ASCDDMASELn registers are 16-bit, read/write registers that provide 5-bit fields for
specifying the ASC DMA channels (listed in Table 9-4) that activate the corresponding DSP
DMA channels. Each ASCDDMASELn register provides fields for two DMA channels.
ASCDDMASEL0 controls channels 0 and 1, ASCDDMASEL1 controls channels 2 and 3,
ASCDDMASEL2 controls channels 4 and 5, and ASCDDMASEL3 controls channels 6 and 7.
After reset, these registers are clear.
9.3.15 ASC Interrupt Select Register (ASCINTSEL)
The ASCINTSEL register is a 16-bit, read/write register that selects between the CPU and DSP interrupt
controllers for the ASC interrupt channels (listed in Table 9-3). Clear bits select the CPU interrupt
controller, and set bits select the DSP interrupt controller. After reset, this register is clear.
15
11M M10
0
Reserved
ICH
ICH
The Interrupt Controller Select bit controls which interrupt controller receives the interrupt
request from the corresponding ASC interrupt channel.
0 – CPU interrupt controller is selected.
1 – DSP interrupt controller is selected.
Copyright © 2013, Texas Instruments Incorporated
DSP and Audio Peripherals
43
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com