Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 26Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 27Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 28Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 29Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 30Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 31Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 32Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 33Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
When a cache hit occurs while the cache is locked, the cache data is passed to the CPU, and the PLRU
bits are up-dated. However, the PLRU bits have no effect while the cache is locked, because no new
cache entries are allocated.
7.2
Cache Invalidation
The cache does not snoop any bus cycles. Software is responsible for invalidating the cache when the
CPU or any other device writes to program memory. The cache is invalidated by executing the CINV [i]
instruction. This clears the valid bits for all of the cache entries.
The cache is automatically invalidated at reset and when it is disabled.
8
CPU Core Bus Arbitration
The CPU core AHB bus can be controlled by either of two bus masters:
•
CPU Core
•
CPU DMA Controller
The bus arbiter implements two levels of priority arbitration among the potential bus masters:
•
Group Priority—each potential bus master is assigned to one of four priority groups. The priority
among groups is linear, with group A at highest priority and group D at lowest priority.
•
Priority within a Group—either of two arbitration policies may be selected for a group: linear priority and
round-robin. Linear priority gives bus ownership to the requesting device with the lowest master
number. Round-robin assigns bus ownership in a cyclic sequence (for example, 2-3-4-2-3-4) among
requesting devices.
Group priority is always considered before priority within a group. Priority within a group is only considered
after the group is selected.
With only two potential bus masters, the bus arbitration mechanism may seem excessively complex,
however this architecture is designed for scalability to future devices which may have a greater number of
potential bus masters.
The default register settings for the bus arbiter provide an efficient arbitration policy across a wide range of
applications:
•
One Group—all potential bus masters are assigned to group A.
•
Round-Robin Arbitration—a round-robin policy avoids starving any potential bus master of bandwidth.
•
Default Bus Master is CPU—when no potential bus master asserts a request for control of the bus, the
CPU is given ownership of the bus. This avoids stalling the CPU when it needs to access an idle bus.
When a linear priority policy is selected for a priority group, the master number is used to resolve
arbitration among devices within that group, with lower numbers receiving higher priority. Table 8-1 shows
the assignment of master numbers.
Table 8-1. Master Number Assignment
POTENTIAL BUS MASTER
MASTER NUMBER
CPU
2
CPU DMA Controller
3
Whether or not any default settings are changed, software should lock the bus arbiter configuration during
system initialization by writing 1 to the LOCK bit in the ARBCFGLK register.
30
CPU Core Bus Arbitration
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com