Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 90 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 90 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 86Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 87Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 88Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 89Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 90Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 91Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 92Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 93Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
PLLIPSEL
The PLL Input Select field selects the input clock source for the corresponding PLL.
00 – Main Clock.
01 – I2SCLK pin.
10 – Reserved.
11 – Reserved
14.8.7 PLLn Control Register 2 (PMMPLLnCTL2)
The PMMPLLnCNT2 registers are 16-bit, read/write registers that hold control fields for the corresponding
PLL. The registers are initialized to 00h at reset.
15
3
2
1
0
Reserved
HCCPLL
DPLLC
PLLCLKSTB
PLLCLKSTB
The PLL Clock Stable bit indicates when the corresponding PLL Clock is stable.
0 – PLL Clock not stable.
1 – PLL Clock is stable.
DPLLC
The Disable PLL Clock Enable bit controls whether the corresponding PLL is disabled
when entering the Power Save or Idle modes. This bit is cleared when a hardware wake-
up event occurs.
0 – PLL may be enabled in Power Save and Idle modes.
1 – PLL is always disabled in Power Save and Idle modes.
HCCPLL
The Hardware Clock Control PLL bit enables the hardware clock control mechanism,
See Section 16.5 for more information.
0 – Hardware clock control disabled.
1 – Hardware clock control enabled.
14.8.8 PLLn M Divider Register (PMMPLLnMDIV)
The PMMPLLnMDIV registers are byte-wide, read/write registers that hold the 8-bit M divisor for the
corresponding PLL. The registers are initialized to 00h at reset.
7
0
MDIV
MDIV
The M Divisor field specifies an integer divisor. See Section 14.4.1 for more information.
14.8.9 PLLn N Divider Register (PMMPLLnNDIV)
The PMMPLLnNDIV registers are byte-wide, read/write registers that hold the 8-bit integer part of the N
divisor. The registers are initialized to 00h at reset.
7
0
NDIV
NDIV
The N Divisor field specifies the integer part of the N divisor. See Section 14.4.1 for more
information.
14.8.10 PLLn N Mod Register (PMMPLLnNMOD)
The PMMPLLnNMOD registers are 16-bit, read/write registers that hold the 5-bit fractional part of the N
divisor for the corresponding PLL and a control field for the level of dithering in effect. The registers are
initialized to 00h at reset.
15
14 13
8 7
0
NMOD_DITH
Reserved
NMOD
90
Clock Generation
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com