Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 35Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 36Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 37Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 38Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 39Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 40Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 41Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 42Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
9.3.4
DSP DMA Channel 0 Address Register (PADR)
The PADR register is a 16-bit, write-only register that provides the lower 16 address bits for DSP DMA
Channel 0. The page address (page 0) must be programmed in the DSP DMA controller. In autoincrement
mode (PCFG.AIM = 1), this address is autoincremented on every DMA cycle. After reset, this register is
clear.
15
1
PADR
9.3.5
CPU/DSP Interface Configuration Register (PCFG)
The PADR register is a 16-bit, read/write register that controls the configuration of the CPU/DSP interface.
After reset, this register is clear.
15
12
11
10
9
8
7
6
5
4
3
2
1
0
MEMSEL
RRIE2 RRIE1
RRIE0
WFEIE
WFFIE
RFNEIE
RFFIE
RS
DRS
AIM
DSPR
DSPR
The DSP Reset bit, when set, resets the DSP. To properly reset the DSP, this bit must
remain set for 8 DSP clock cycles.
0 – DSP reset is not asserted.
1 – DSP reset is asserted.
AIM
The Autoincrement Mode bit enables automatic increment of the address counter when the
CPU uses DSP DMA channel 0 (the host interface used for downloading to the DSP).
0 – No increment of the DMA address.
1 – Automatic increment enabled.
DRS
The Data Read Select field selects the transfer mode used on the 32-bit high-performance
DSP bus to read data for satisfying a CPU read request. This field is ignored if the RS bit is
clear.
00 – Single read transfer.
01 – 8-word burst read transfer.
10 – 16-word burst read transfer.
11 – Free running (continuous).
RS
Setting the Read Start bit initiates a read transfer of the type specified in the DRS field.
Clearing the bit flushes the read FIFO and terminates any read transfer in progress.
0 – No transfer is initiated or in progress.
1 – Write 1 to initiate a read transfer.
RFFIE
The Read FIFO Full Interrupt Enable bit asserts IRQ60 to the CPU interrupt controller when
the read FIFO becomes full.
0 – Interrupt disabled.
1 – Interrupt enabled
RFNEIE
The Read FIFO Not Empty Interrupt Enable bit asserts IRQ60 to the CPU interrupt controller
when the read FIFO holds valid data.
0 – Interrupt disabled.
1 – Interrupt enabled.
WFFIE
The Write FIFO Full Interrupt Enable bit asserts IRQ60 to the CPU interrupt controller when
the write FIFO is full.
0 – Interrupt disabled.
1 – Interrupt enabled.
WFEIE
The Write FIFO Empty Interrupt Enable bit asserts IRQ60 to the CPU interrupt controller
when the write FIFO is empty.
0 – Interrupt disabled.
1 – Interrupt enabled.
Copyright © 2013, Texas Instruments Incorporated
DSP and Audio Peripherals
39
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com