Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 55 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 55 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 51Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 52Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 53Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 54Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 55Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 56Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 57Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 58Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
RFCKEN
The RF Clock Enable bit controls whether Main Clock is driven on the CLKIN/RFCK
pin.
0 – Main Clock is not driven on CLKIN/RFCK.
1 – Main Clock is driven on CLKIN/RFCK.
BTHCLKDIS
The Bluetooth Clock Disable bit controls whether HCLK Clock to the Bluetooth
module is disabled.
0 – HCLK Clock is available to the Bluetooth module.
1 – HCLK Clock is not available to the Bluetooth module.
USBHCLKDIS
The USB Clock Disable bit controls whether the HCLK Clock to the USB module is
disabled.
0 – HCLK Clock is available to the USB module.
1 – HCLK Clock is not available to the USB module.
USBIDDIGPUEN
The USB IDDIG Pullup Enable bit controls whether the USB module can enable the
internal pullup on the PE15 port pin. This mode only applies when the IDDIG
alternate function for PE15 is enabled.
0 – Internal pullup on PE15 is disabled when IDDIG alternate function is selected.
1 – USB module controls internal pullup on PE15 when IDDIG alternate function is
selected.
XDPUDIS
The XD Pullup Disable bit controls whether weak pullup resistors are enabled on the
XD external data bus.
0 – Weak pullups on XD bus.
1 – No pullups on XD bus.
12 CPU DMA Controller
The CPU DMA controller (DMAC) can be used to accelerate peripheral-to-memory, memory-to-peripheral,
and memory-to-memory block transfers. Because it uses cycle stealing to interleave bus cycles with the
CPU, DMA-based data movement uses the available bandwidth on the CPU core bus more efficiently than
software-based data movement
The DMAC provides 16 DMA channels, which may be assigned to any of 34 peripheral registers. For
registers that are loaded by the peripheral (such as a UART receive register), the DMAC gets a DMA
request when the register is loaded. It then reads the register and writes the data to memory. For registers
that are unloaded by the peripheral (such as a UART transmit register), the DMAC gets a DMA request
when the register is empty. It then reads data from memory and writes the data to the register. Only one
register at a time may be enabled to use a DMA channel. Any channel which is not enabled for peripheral
DMA may be used for software DMA (memory-to-memory block transfers).
The DMAC has a register-based programming interface (as opposed to I/O control blocks). After loading
the registers with source and destination addresses, as well as block size and type of operation, a DMAC
channel is ready to respond to DMA transfer requests. A request can only come from onchip peripherals
or software, not external peripherals. On receiving a DMA transfer request, if the channel is enabled, the
DMAC performs the following operations:
1. Arbitrates to become master of the CPU core bus.
2. Determines priority among the DMAC requests. Priority is linear, with channel 0 having the highest
priority.
3. Executes data transfer bus cycle(s) specified by the programming of the control registers for the
channel being serviced. This may be a single cycle or a four cycle burst.
4. If the DMA transfer cycle is complete, the DMAC does the following:
–
Updates the termination bits.
–
Asserts an interrupt (if enabled).
5. Returns control of the CPU core bus to the CPU, even if a DMA request continues to be asserted.
Priority among DMA channels is re-determined after every cycle.
Copyright © 2013, Texas Instruments Incorporated
CPU DMA Controller
55
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com