Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 62 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 62 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 58Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 59Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 60Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 61Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 62Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 63Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 64Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 65Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 12-4. DMA Controller Registers (continued)
Name
Address
Description
Name
Address
Description
BLTC0
FF 0410h
Block Length Counter Register
RQTCNT4
FF 051Ch
Request Timeout Counter Register
BLTR0
FF 0414h
Block Length Register
DMACNT4
FF 0520h
DMA Control Register
RQTR0
FF 0418h
Request Timeout Register
DMASTAT4
FF 0524h
DMA Status Register
RQTCNT0
FF 041Ch
Request Timeout Counter Register
ADCA5
FF 0540h
Device A Address Counter Register
DMACNT0
FF 0420h
DMA Control Register
ADRA5
FF 0544h
Device A Address Register
DMASTAT0
FF 0424h
DMA Status Register
ADCB5
FF 0548h
Device B Address Counter Register
ADCA1
FF 0440h
Device A Address Counter Register
ADRB5
FF 054Ch
Device B Address Register
ADRA1
FF 0444h
Device A Address Register
BLTC5
FF 0550h
Block Length Counter Register
ADCB1
FF 0448h
Device B Address Counter Register
BLTR5
FF 0554h
Block Length Register
ADRB1
FF 044Ch
Device B Address Register
RQTR5
FF 0558h
Request Timeout Register
BLTC1
FF 0450h
Block Length Counter Register
RQTCNT5
FF 055Ch
Request Timeout Counter Register
BLTR1
FF 0454h
Block Length Register
DMACNT5
FF 0560h
DMA Control Register
RQTR1
FF 0458h
Request Timeout Register
DMASTAT5
FF 0564h
DMA Status Register
RQTCNT1
FF 045Ch
Request Timeout Counter Register
ADCA6
FF 0580h
Device A Address Counter Register
DMACNT1
FF 0460h
DMA Control Register
ADRA6
FF 0584h
Device A Address Register
DMASTAT1
FF 0464h
DMA Status Register
ADCB6
FF 0588h
Device B Address Counter Register
ADCA2
FF 0480h
Device A Address Counter Register
ADRB6
FF 058Ch
Device B Address Register
ADRA2
FF 0484h
Device A Address Register
BLTC6
FF 0590h
Block Length Counter Register
ADCB2
FF 0488h
Device B Address Counter Register
BLTR6
FF 0594h
Block Length Register
ADRB2
FF 048Ch
Device B Address Register
RQTR6
FF 0598h
Request Timeout Register
BLTC2
FF 0490h
Block Length Counter Register
RQTCNT6
FF 059Ch
Request Timeout Counter Register
BLTR2
FF 0494h
Block Length Register
DMACNT6
FF 05A0h
DMA Control Register
RQTR2
FF 0498h
Request Timeout Register
DMASTAT6
FF 05A4h
DMA Status Register
RQTCNT2
FF 049Ch
Request Timeout Counter Register
ADCA7
FF 05C0h
Device A Address Counter Register
DMACNT2
FF 04A0h
DMA Control Register
ADRA7
FF 05C4h
Device A Address Register
DMASTAT2
FF 04A4h
DMA Status Register
ADCB7
FF 05C8h
Device B Address Counter Register
ADCA3
FF 04C0h
Device A Address Counter Register
ADRB7
FF 05CCh
Device B Address Register
ADRA3
FF 04C4h
Device A Address Register
BLTC7
FF 05D0h
Block Length Counter Register
ADCB3
FF 04C8h
Device B Address Counter Register
BLTR7
FF 05D4h
Block Length Register
ADRB3
FF 04CCh
Device B Address Register
RQTR7
FF 05D8h
Request Timeout Register
BLTC3
FF 04D0h
Block Length Counter Register
RQTCNT7
FF 05DCh
Request Timeout Counter Register
BLTR3
FF 04D4h
Block Length Register
DMACNT7
FF 05E0h
DMA Control Register
RQTR3
FF 04D8h
Request Timeout Register
DMASTAT7
FF 05E4h
DMA Status Register
RQTCNT3
FF 04DCh
Request Timeout Counter Register
ADCA8
FF 0600h
Device A Address Counter Register
DMACNT3
FF 04E0h
DMA Control Register
ADRA8
FF 0604h
Device A Address Register
DMASTAT3
FF 04E4h
DMA Status Register
ADCB8
FF 0608h
Device B Address Counter Register
ADCA4
FF 0500h
Device A Address Counter Register
ADRB8
FF 060Ch
Device B Address Register
ADRA4
FF 0504h
Device A Address Register
BLTC8
FF 0610h
Block Length Counter Register
ADCB4
FF 0508h
Device B Address Counter Register
BLTR8
FF 0614h
Block Length Register
RQTR8
FF 0618h
Request Timeout Register
ADCB12
FF 0708h
Device B Address Counter Register
RQTCNT8
FF 061Ch
Request Timeout Counter Register
ADRB12
FF 070Ch
Device B Address Register
DMACNT8
FF 0620h
DMA Control Register
BLTC12
FF 0710h
Block Length Counter Register
DMASTAT8
FF 0624h
DMA Status Register
BLTR12
FF 0714h
Block Length Register
ADCA9
FF 0640h
Device A Address Counter Register
RQTR12
FF 0718h
Request Timeout Register
ADRA9
FF 0644h
Device A Address Register
RQTCNT12
FF 071Ch
Request Timeout Counter Register
ADCB9
FF 0648h
Device B Address Counter Register
DMACNT12
FF 0720h
DMA Control Register
ADRB9
FF 064Ch
Device B Address Register
DMASTAT12
FF 0724h
DMA Status Register
BLTC9
FF 0650h
Block Length Counter Register
ADCA13
FF 0740h
Device A Address Counter Register
BLTR9
FF 0654h
Block Length Register
ADRA13
FF 0744h
Device A Address Register
RQTR9
FF 0658h
Request Timeout Register
ADCB13
FF 0748h
Device B Address Counter Register
RQTCNT9
FF 065Ch
Request Timeout Counter Register
ADRB13
FF 074Ch
Device B Address Register
62
CPU DMA Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com