Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 76 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 76 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 72Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 73Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 74Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 75Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 76Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 77Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 78Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 79Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
INTGPA1
The Interrupt Priority Group A bits specify the least significant bit for selecting one of four
interrupt priority groups.
0 – Interrupt belongs to group 0 or 2.
1 – Interrupt belongs to group 1 or 3.
13.6.15 Interrupt Priority Group A Register 2 (INTGPAR2)
The INTGPAR2 register is a 32-bit, read/write register. Bits in this register specify the least significant bit
for selecting the priority group of the corresponding interrupt IRQ70 to IRQ64. Only bits 6:0 of this register
are used. The register is initialized to 0000 0000h at reset.
31
0
INTGPA2
INTGPA2
The Interrupt Priority Group A bits specify the least significant bit for selecting one of four
interrupt priority groups.
0 – Interrupt belongs to group 0 or 2.
1 – Interrupt belongs to group 1 or 3.
13.6.16 Interrupt Priority Group B Register 0 (INTGPBR0)
The INTGPBR0 register is a 32-bit, read/write register. Bits in this register specify the most significant bit
for selecting the priority group of the corresponding interrupt IRQ31 to IRQ1. Bit 0 of this register is
reserved. The register is initialized to 0000 0000h at reset.
31
1M
0
INTGPB0
Reserved
INTGPB0
The Interrupt Priority Group B bits specify the most significant bit for selecting one of four
interrupt priority groups.
0 – Interrupt belongs to group 0 or 1.
1 – Interrupt belongs to group 2 or 3.
13.6.17 Interrupt Priority Group B Register 1 (INTGPBR1)
The INTGPBR1 register is a 32-bit, read/write register. Bits in this register specify the most significant bit
for selecting the priority group of the corresponding interrupt IRQ63 to IRQ31. The register is initialized to
0000 0000h at reset.
15
1
INTGPB1
INTGPB1
The Interrupt Priority Group B bits specify the most significant bit for selecting one of four
interrupt priority groups.
0 – Interrupt belongs to group 0 or 1.
1 – Interrupt belongs to group 2 or 3.
13.6.18 Interrupt Priority Group B Register 2 (INTGPBR2)
The INTGPBR2 register is a 32-bit, read/write register. Bits in this register specify the most significant bit
for selecting the priority group of the corresponding interrupt IRQ70 to IRQ64. Only bits 6:0 of this register
are used. The register is initialized to 0000 0000h at reset.
31
0
INTGPB2
76
Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com