Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 7Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 10Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 11Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 12Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 13Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 14Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
3.18 Versatile Timer Units
The two Versatile Timer Unit (VTU) modules each contain four independent timer subsystems, which
operate as a dual 8-bit PWM configuration, a single 16-bit PWM timer, or a 16-bit counter with two input
capture channels. Each of the timer subsystems offer an 8-bit clock prescaler to accommodate a wide
range of frequencies.
3.19 Timing and Watchdog Module
The Timing and Watchdog Module (TWM) contains a Real-Time timer and a Watchdog unit. The Real-
Time Clock Timing function can be used to generate periodic real-time based system interrupts. The timer
output is one of 16 inputs to the Multi-Input Wake-Up module which can be used to exit from a low-power
mode. The Watchdog unit is designed to detect the application program getting stuck in an infinite loop
resulting in loss of program control or “runaway” programs. When the watchdog triggers, it resets the
device. The TWM is clocked by the low-speed Slow Clock.
3.20 Power Management
The Power Management Module (PMM) improves the efficiency of the device by changing the operating
mode and power consumption to match the required level of activity.
The device can operate in any of four power modes:
•
Active: The device operates at full speed using the high-frequency clock. All device functions are fully
operational.
•
Power Save: The device operates at reduced speed using the Slow Clock. The CPU and some
modules can continue to operate at this low speed.
•
Idle: The device is inactive except for the Power Management Module and Timing and Watchdog
Module, which continue to operate using the Slow Clock.
•
Halt: The device is inactive but still retains its internal state (RAM and register contents).
The PMM provides a mechanism to handle Bluetooth-specific power management modes, for optimizing
power consumption during special Bluetooth states, like Park, Page Scan, Inquiry Scan, etc.
3.21 Multi-Input Wake-up
The Multi-Input Wake-Up (MIWU) feature is used to return (wake-up) the device from low-power modes to
the active mode. The 64-channel MIWU unit receives wake-up signals from various internal and external
sources. In addition to the wake-up function, the MIWU unit can generate up to eight interrupt requests.
Each MIWU channel can be individually programmed to activate one of the interrupt requests.
3.22 Input/Output Ports
The device has 64 software-configurable I/O pins (36 in the FBGA-144 package), organized into four ports
called Port E, Port F, Port G, and Port H. Each pin can be configured to operate as a general-purpose
input or general-purpose output. In addition, many I/O pins can be configured to operate as inputs or
outputs for on-chip peripheral modules such as the UARTs or timers.
The I/O pin characteristics are fully programmable. Each pin can be configured to operate as a TRI-
STATE output, push-pull output, weak pullup/pulldown input, high-speed drive, or high-impedance input.
3.23 Clock and Reset Module
The Clock and Reset module generates a 12-MHz Main Clock from an external crystal network or external
clock in-put. Main Clock may be used as a reference clock for two PLL-based clock multipliers available
for generating higher-speed clocks.
Copyright © 2013, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com