Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  CP3SP33SMS/NOPB Datasheet HTML 1Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 2Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 3Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 4Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 5Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 6Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 7Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Connectivity Processor with Cache, DSP, and Bluetooth®, USB, and Dual CAN Interfaces
Check for Samples: CP3SP33
1
Introduction
1.1
Features
123
– Two ACCESS.bus serial bus interfaces (I2C
• CPU Features
compatible)
– Fully static RISC processor core, capable of
– Two 8/16-bit SPI, Microwire/Plus serial
operating from 0 to 96 MHz with zero
interfaces
wait/hold state
– I2S digital audio bus interface
– Minimum 10.4 ns instruction cycle time with
a 96-MHz internal clock frequency, based on
– Four Universal Asynchronous
a 12-MHz external input
Receiver/Transmitter (UART) channels, one
channel has USART capability
– 4K-byte, 4-way set-associative instruction
cache
– Advanced Audio Interface (AAI) to connect
to external 8/ 13-bit PCM Codecs as well as
– 69 independently vectored peripheral
to ISDN-Controllers through the IOM-2
interrupts
interface (slave only)
• DSP Features
– Two CVSD/PCM converters, for supporting
– Capable of operating up to 96 MHz
two bidirectional audio connectionsM
– 16-bit fixed-point arithmetic, dual-MAC
• External Bus Interface Shared Between CPU
architecture
and DSP
– 32-bit interface to 4K-byte RAM shared with
– 16/32-bit data busbus interface
CPU
– 23-bit address bus
– 32-bit external bus interface
– 3 programmable chip select outputs
– Bus master interface to audio peripherals
– Up to 96M bytes external memory
and I/O
– 8-level write buffer
• Memory
• General-Purpose Hardware Peripherals
– 4K bytes CPU instruction cache
– 10-channel, 10-bit A/D Converter (ADC)
– 32K bytes CPU data RAM
– 16-channel DMA controller
– 4K bytes CPU/DSP shared RAM
– Dual 16-bit Multi-Function Timer (MFT)
– 24K bytes DSP program RAM
– Dual Versatile Timer Units (VTU), each with
– 24K bytes DSP data RAM
four independent timers
– 8K bytes Bluetooth® sequencer and data
– Timing and Watchdog Unit
RAM
• Extensive Power and Clock Management
– Addresses up to 96M bytes (FBGA-224
Support
package) or 8M bytes (FBGA-144 package) of
external memory
– Two Phase Locked Loops (PLL) for
synthesizing independent system and audio
• Broad Range of Hardware Communications
peripheral clocks
Peripherals
– Two independent oscillators for Active mode
– Bluetooth Lower Link Controller (LLC)
(12 MHz) and Power Save mode (32.768 kHz)
including a shared 7K byte Bluetooth data
clocks
RAM and 1K byte Bluetooth Sequencer RAM
– Low-power modes (Power Save, Idle, and
– Universal Serial Bus (USB) 2.0 On-The-Go
Halt) for slowing or stopping clocks to
– Audio/telematics codec with dual ADC
optimize power consumption while meeting
inputs and high quality stereo DAC output
application needs
– Two CAN interfaces with 15 message buffers
conforming to CAN specification 2.0B active
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluethooth SIG, Inc.
3
Teak is a registered trademark of ParthusCeva, Inc.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - CP3SP33SMS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3SP33SMS NSC-CP3SP33SMS Datasheet
146Kb / 6P
CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
More results

Similar Description - CP3SP33SMS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3SP33 NSC-CP3SP33 Datasheet
146Kb / 6P
CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
Reprogrammable Connectivity Processor with USB and CAN Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
CP3BT23 TI1-CP3BT23_14 Datasheet
3Mb / 324P
CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
logo
Silicon Laboratories
EZR32WG-169MHZ SILABS-EZR32WG-169MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
EZR32WG-434MHZ SILABS-EZR32WG-434MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com