Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 85 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 85 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 81Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 82Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 83Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 84Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 85Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 86Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 87Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 88Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 407 page
background image
MAIN
DESIRED
2 F
PMMAUXnPRSC
1
F
§
·
u
¨
¸
©
¹
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
A 12-bit prescaler provides a prescale factors from 1 to 2048 clock periods of the input clock in increments
of 1/2 clock period. For example, if the selected clock source is 12 MHz and the desired auxiliary clock
frequency is 1 MHz, the divisor should be 2 × 12 or 24. However, the value loaded in the
PMMAUXnPRSC prescaler register is biased by 1, so the actual value loaded into the register will be 23
(decimal).
(4)
Zero is an undefined value, so the shortest period that an auxiliary clock may have is 2 half-clocks, which
results in the same clock rate as the prescaler input clock.
By default, the auxiliary clocks are disabled following reset, except the DSP clock (Auxiliary Clock 7).
Each auxiliary clock is available for one or more peripherals, as listed in Table 14-5.
Table 14-5. Auxiliary Clocks Available to Peripherals
AUXILIARY
PERIPHERAL
COMMENTS
CLOCK
1
Bluetooth, ADC, AAI
Bluetooth LLC requires an accurate 12 MHz clock, in addition to a variable Auxiliary Clock 1.
2
CVSD/PCM Converter 0
Supports a 2-MHz mode in which data is processed at a fixed rate. Also supports a free-
running mode in which data is processed on demand.
The free-running mode does not require a specific clock frequency. The CVSD modules may
3
CVSD/PCM Converter 1
operate from independent clocks.
Telematics Codec ADC 1,
4
Requires an accurate clock frequency, typically 125× or 128× the PCM frame rate.
ADC 2, and Stereo DACs
5
I2S Interface
6
USB
Requires an accurate 60 MHz clock. Also requires a HCLK Clock >30 MHz.
7
DSP
Up to 96 MHz
Requires an accurate frequency to match the bit clock and frame sync required by the external
8
AAI
codec.
Copyright © 2013, Texas Instruments Incorporated
Clock Generation
85
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com