Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 10Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 11Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 12Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 13Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 14Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 15Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 16Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 407 page
background image
DS408
X2CKI
X2CKO
32.768 kHz
Crystal
VCC
RESET
X1CKI
X1CKO
IOVCC
XD[31:0]
PE0/RXD0/TIO0_1
PE1/TXD0
PE4/CKX0/TIO0_2
ENV1/TSTCLK1
CP3SP33MS
(FBGA-224)
12 MHz
Crystal
or External
Clock Input
PE5/TA0/NMI
ENV0/TSTCLK0
PE8/MSK0
PE9/MDIDO0
PE10/MDODI0
PE11/MWCS0/TIO0_7
PH3/CAN0TX/TIO1_8
PE2/RTS0/TIO0_3
PE3/CTS0
D-
D+
TMS
TDI
TDO
TCK
RDY
XCS0
XCS1
XOE
XCS2
XWE
XBE[3:0]
CPU JTAG
Interface
GND
Operating
Environment
UVCC
UGND
PLLVCC
PLLGND
XA[22:0]
USART0/
VTU0
Microwire/Plus
SPI 0
NMI
ADC
ADC[9:0]
VREF
PE6/CAN1RX
PE7/CAN1TX
PF7/ASYNC/TB0
PH2/CAN0RX/TIO1_7
PE13/IDPULLUP/TIO1_1
PE14/DRVVBUS/TIO1_3
IOGND
ADVCC
ADGND
MCKO
MSEO
NEXUS
Auxilliary
Port and
Teak DSP
JTAG
Interface
SCL1
SDA1
TCADCVCC
TCADCGND
TCDACVCC
TCDACGND
TCVCM1
TCMIC1P,TCMIC1N
TCMIC2P,TCMIC2N
TCLP,TCLN
TCRP,TCRN
TCVCM2
TCVBUF1
TCVBUF2
TCVRFP
TCVRFN
DSPTMS/MDO0
DSPTDI/MDO1
DSPTDO/MDO2
DSPTCK/MDO3
VBUS
PG4/MSK1
PG5/MDIDO1
PG6/MDODI1
PG7/MWCS1/TA1
PG14/RXD3/TB1
PG15/TXD3
PG10/SFS/TCIO1
PG11/STD/DIGMIC2
PG12/SRD
PG13/SRCLK/CTS3
Microwire
/Plus
SPI 1
UART3
AAI
PG8/SRFS/RTS3
PG9/SCK/DIGMIC1
PE15/IDDIG/TIO1_5
RFVCC
RFGND
CLKIN/RFCK
External
Bus
Interface
USB
Codec
RF Interface
CAN0
CAN1
ACCESS.bus 1
Power
Supply
/
4
/
10
/
4
/
12
/
12
/
32
/
23
/
4
Reset
PF12/RXD2/TIO0_8
PF13/TXD2
PF14/RTS2/TIO1_2
PF15/CTS2
UART2
PH1/SDA0/TIO1_6
PE12/SCL0/TIO0_5
ACCESS
.bus 0
PG0/I2SCLK
PG1/I2SWS
PG2/I2SSDI
PG3/I2SSDO
I2 S
PH0/TIO1_4
VTU1
PH[15:4]
WUI
/
12
/
2
/
2
/
2
/
2
PF1/SCLK
RFDATA
PF0/RFSYNC
RFCE
PF3/SLE
PF4/BTSEQ1
PF2/SDAT
PF5/BTSEQ2
PF6/BTSEQ3
PF8/RXD1/TIO0_4
PF9/TXD1
PF10/RTS1/TIO0_6
PF11/CTS1
UART1
VTU0
X2CKI
X2CKO
32.768 kHz
Crystal
VCC
RESET
X1CKI
X1CKO
IOVCC
XD[15:0]
PE0/RXD0/TIO0_1
PE1/TXD0
ENV1/TSTCLK1
CP3SP33MR
(FBGA-144)
12 MHz Crystal
or External
Clock Input
PE5/TA0/NMI
ENV0/TSTCLK0
PE8/MSK0
PE9/MDIDO0
PE10/MDODI0
PE11/MWCS0/TIO0_7
PH3/CAN0TX/TIO1_8
PE2/RTS0/TIO0_3
PE3/CTS0
D-
D+
TMS
TDI
TDO
TCK
RDY
XCS0
XCS1
XOE
XWE
XBE[1:0]
CPU JTAG
Interface
GND
Operating
Environment
UVCC
UGND
PLLVCC
PLLGND
XA[20:0]
USART0/
VTU0
Microwire
/Plus
SPI 0
NMI
ADC
ADC[1:0]
PE6/CAN1RX
PE7/CAN1TX
PH2/CAN0RX/TIO1_7
PE13/IDPULLUP/TIO1_1
PE14/DRVVBUS/TIO1_3
IOGND
ADVCC
ADGND
TCADCVCC
TCADCGND
TCDACVCC
TCDACGND
TCVCM1
TCMIC1P,TCMIC1N
TCMIC2P,TCMIC2N
TCLP,TCLN
TCRP,TCRN
TCVCM2
TCVBUF1
TCVBUF2
TCVRFP
TCVRFN
VBUS
PE15/IDDIG/TIO1_5
RFVCC
RFGND
CLKIN/RFCK
External
Bus
Interface
USB
Codec
RF
Interface
CAN0
CAN1
Power
Supply
/
4
/
2
/
4
/
6
/
6
/
16
/
21
/
2
Reset
PH1/SDA0/TIO1_6
PE12/SCL0/TIO0_5
ACCESS.bus 0
PG0/I2SCLK
PG1/I2SWS
PG2/I2SSDI
PG3/I2SSDO
I2 S
PH[10:7]
WUI
/
4
/
2
/
2
/
2
/
2
PF1/SCLK
RFDATA
PF0/RFSYNC
RFCE
PF3/SLE
PF4/BTSEQ1
PF2/SDAT
PF8/RXD1/TIO0_4
PF9/TXD1
PF10/RTS1/TIO0_6
PF11/CTS1
UART1
VTU0
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
4
Signal Descriptions
Figure 4-1. CP3SP33 Device Signals
Some pins may be enabled as general-purpose I/O-port pins or as alternate functions associated with
specific peripherals or interfaces. These pins may be individually configured as port pins, even when the
associated peripheral or interface is enabled.
Table 4-1 describes the device signals. When the number of signals differs between packages, the first
number in the Pins column is for the FBGA-224 package and the second number is for the FBGA-144
package.
Copyright © 2013, Texas Instruments Incorporated
Signal Descriptions
13
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com