Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 15Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 16Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 17Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 18Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 19Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 20Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 21Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 22Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
With the recommended calling convention for the architecture, some of these registers are assigned
special hardware and software functions. Registers R0 to R13 are for general-purpose use, such as
holding variables, addresses, or index values. The SP register holds a pointer to the program run-time
stack. The RA register holds a subroutine return address. The R12 and R13 registers are available to hold
base addresses used in the index addressing mode.
If a general-purpose register is specified by an operation that is 8 bits long, only the lower byte of the
register is used; the upper part is not referenced or modified. Similarly, for word operations on register
pairs, only the lower word is used. The upper word is not referenced or modified.
5.2
Dedicated Address Registers
The CR16CPlus has four dedicated address registers to implement specific functions: the PC, ISP, USP,
and INTBASE registers.
5.2.1
Program Counter (PC) Register
The 24-bit value in the PC register points to the first byte of the instruction currently being executed.
CR16CPlus instructions are aligned to even addresses, therefore the least significant bit of the PC is
always 0. At reset, the PC is initialized to 0 or an optional predetermined value. When a warm reset
occurs, value of the PC prior to reset is saved in the (R1,R0) general-purpose register pair.
5.2.2
Interrupt Stack Pointer (ISP)
The 32-bit ISP register points to the top of the interrupt stack. This stack is used by hardware to service
exceptions (interrupts and traps). The stack pointer may be accessed as the ISP register for initialization.
The interrupt stack can be located anywhere in the CPU address space. The ISP cannot be used for any
purpose other than the interrupt stack, which is used for automatic storage of the CPU registers when an
exception occurs and restoration of these registers when the exception handler returns. The interrupt
stack grows downward in memory. The least significant bit and the 8 most significant bits of the ISP
register are always 0.
5.2.3
User Stack Pointer (USP)
The USP register points to the top of the user-mode program stack. Separate stacks are available for user
and supervisor modes, to support protection mechanisms for multitasking software. The processor mode
is controlled by the U bit in the PSR register (which is called PSR.U in the shorthand convention). Stack
grow downward in memory. If the USP register points to an illegal address (any address greater than
0x00FF_FFFF) and the USP is used for stack access, an IAD trap is taken.
5.2.4
Interrupt Base Register (INTBASE)
The INTBASE register holds the address of the dispatch table for exceptions. The dispatch table can be
located any where in the CPU address space. When loading the INTBASE register, bits 31 to 24 and bit 0
must written with 0.
5.3
Processor Status Register (PSR)
15
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
I
P
E
0
N
Z
F
0
U
L
T
C
C
The Carry bit indicates whether a carry or borrow occurred after addition or subtraction.
0 – No carry or borrow occurred.
1 – Carry or borrow occurred.
T
The Trace bit enables execution tracing, in which a Trace trap (TRC) is taken after every instruction.
Tracing is automatically disabled during the execution of an exception handler.
0 – Tracing disabled.
1 – Tracing enabled.
Copyright © 2013, Texas Instruments Incorporated
CPU Architecture
19
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com