Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 28Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 29Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 30Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 31Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 32Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 33Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 34Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 35Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
8.1.4
Arbiter Configuration Lock Register (ARBCFGLK)
The ARBALGO register is a 32-bit, read/write register that is used to lock the bus arbiter configuration.
When the configuration is locked, writes to the bus arbiter registers are ignored. Reads are unaffected.
Once locked, the configuration may not be unlocked until the device is reset. After reset, this register is
initialized to 0000 0000h.
31
1
0
Reserved
LOCK
LOCK
The Lock bit controls whether the bus arbiter registers are locked.
0 – Unlocked.
1 – Locked.
9
DSP and Audio Peripherals
The CP3SP33 includes a Teak DSP for supporting high-performance audio applications. DSP software
packages are available from Texas Instruments for signal processing operations commonly used to
process audio data.
The DSP implements 16-bit fixed-point arithmetic with a 4bus (X, Y, Z, and Program) Harvard architecture.
The fast DSP core (96 MHz) and large on-chip 24K-byte program and 24K-byte data memories satisfy a
wide range of compute-intensive applications. The DSP has a 32-bit high-bandwidth bus separate from
that of the CPU, and it has an independent DMA controller, for efficient bus utilization.
The CPU host has a register-based interface for controlling the DSP and accessing the DSP program and
data memory space. The CPU can reset the DSP, interrupt the DSP, and assert a DSP DMA request. The
DSP can assert an interrupt request to the CPU, and it can wake the CPU from a low-power mode.
Figure 9-1 shows the architecture of the DSP and audio peripherals. The DSP DMA controller is a slave
on the CPU APB bus, so that the CPU host can use a DMA channel for downloading software to the DSP
program and data memories. Once released to begin execution, the DSP is bus master on its own 32-bit,
high-bandwidth bus, which the DSP uses to access three types of slave devices:
•
4K-byte Shared RAM—data memory which is mapped into CPU and DSP address spaces.
•
External Bus Interface—interface to external (off-chip) memory devices.
•
Shared Audio Peripheral APB Bus—peripherals shared between the CPU and DSP (codec, I2S
interface, etc.).
The Audio Subsystem Controller (ASC) provides multiplexing of interrupt and DMA signals between
shared peripherals and the independent interrupt and DMA controllers of the CPU and DSP.
32
DSP and Audio Peripherals
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com