Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  CP3SP33SMS/NOPB Datasheet HTML 1Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 2Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 3Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 4Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 5Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 6Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 7Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
32.2
Timer Operating Modes
........................... 323
36.6
Output Signal Levels
.............................. 376
32.3
Timer Interrupts
................................... 328
36.7
Clock and Reset Timing
........................... 377
32.4
Timer I/O Functions
............................... 328
36.8
UART Timing
...................................... 379
32.5
Timer Registers
................................... 329
36.9
I/O Port Timing
.................................... 380
33
Dual Versatile Timer Units (VTU)
................. 334
36.10
Advanced Audio Interface (AAI) Timing
......... 381
33.1
VTU Functional Description
....................... 334
36.11
Microwire/SPI Timing
............................ 383
33.2
VTU Registers
..................................... 340
36.12
ACCESS.BUS Timing
............................ 386
34
Register Map
.......................................... 345
36.13
USB Port AC Characteristics
.................... 389
35
Register Bit Fields
................................... 361
36.14
I2S Interface Timing
.............................. 389
36
Electrical Specifications
............................ 373
36.15
Multi-Function Timer (MFT) Timing
.............. 390
36.1
Absolute Maximum Ratings
....................... 373
36.16
Versatile Timing Unit (VTU) Timing
.............. 390
36.2
DC Electrical Characteristics: Temperature: –40°C
≤
36.17
External Memory Interface
....................... 390
TA ≤ 85°C) ......................................... 373
37
Pin Assignments
..................................... 392
36.3
USB Transceiver Electrical Characteristics
....... 374
37.1
Physical Dimensions (millimeters) unless otherwise
36.4
Telematics Codec Electrical Characteristics
...... 375
noted
.............................................. 401
36.5
ADC Electrical Characteristics
.................... 376
Copyright © 2013, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com