Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 95 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 95 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 91Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 92Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 93Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 94Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 95Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 96Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 97Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 98Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 407 page
background image
GND
IOVCC
DS493
CP3SP33
IOVCC
RESET
LM3710
Supervisory
Circuit with
Power-Fail
and Low-Line
Detection
Manual
Reset
NMI
IRQ
Core VCC
(1.8V)
VCC
GPIO
Reset Output
Power Fail Output (PFO)
Low Line Output (LLO)
Watchdog Input (WDI)
Power Fail
Input (PFI)
N Ÿ
N Ÿ
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
15.2.3 Fault-Tolerant External Reset
An external reset circuit based on the LM3710 Microprocessor Supervisory Circuit is shown in
Figure 15-4. It provides a high level of fault tolerance in that it provides the ability to monitor both the VCC
supply for the core logic and the IO-VCC supply. It also provides a low-voltage indication for the IOVCC
supply and an external watchdog timer.
Figure 15-4. Fault-Tolerant External Reset
The signals shown in Figure 15-4 are:
•
Core VCC—the 1.8V power supply rail for the core logic.
•
IOVCC—the 3.0–3.3V power supply rail for the I/O logic.
•
Watchdog Input (WDI)—this signal is asserted by the CP3SP33 at regular intervals to indicate normal
operation. A general-purpose I/O (GPIO) port may be used to provide this signal. If the internal
watchdog timer in the CP3SP33 is used, then the LM3704 Microprocessor Supervisory Circuit can
provide the same features as the LM3710 but without the watchdog timer.
•
RESET—an active-low reset signal to the CP3SP33. The LM3710 is available in versions with active
pullup or an open-drain RESET output.
•
Power-Fail Input (PFI)—this is a voltage level derived from the Core VCC power supply rail through a
simple resistor divider network.
•
Power-Fail Output (PFO)—this signal is asserted when the voltage on PFI falls below 1.225V. PFO is
connected to the non-maskable interrupt (NMI) input on the CP3SP33. A system shutdown routine can
then be invoked by the NMI handler.
•
Low Line Output (LLO)—this signal is asserted when the main IOVCC level fails below a warning
threshold voltage but remains above a reset detection threshold. This signal may be routed to the NMI
input on the CP3SP33 or to a separate interrupt input.
These additional status and feedback mechanisms allow the CP3SP33 to recover from software hangs or
perform system shutdown functions before being placed into reset.
The standard reset threshold for the LM3710 is 3.08V with other options for different watchdog timeout
and reset timeouts. The selection of these values are much more application-specific. The combination of
a watchdog timeout period of 1600 ms and a reset period of 200 ms is a reasonable starting point.
Copyright © 2013, Texas Instruments Incorporated
Reset
95
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com