Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 78 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 78 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 74Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 75Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 76Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 77Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 78Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 79Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 80Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 81Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 407 page
background image
Low-Frequenc y
Os c illator
X 2CK I
X 2CKO
DS431
High-Frequenc y
Os c illator
X 1CK I
X 1CKO
CLK IN
I2S CLK
System Clock
12-Bit Prescaler
Main Clock
P LL2
P MMP LL2CTL1.P LLIP S E L
P LL1
P MMP LL1CTL1.P LLIP S E L
Peripheral Bus Clock
2-Bit Prescaler
Slow Clock
14-Bit Prescaler
P MMCK CTL.FCLK S RC
P MMP RS HC.HP HCLK
P MMP RS P C.DIV P CLK
P MMP RS S C.HP S CLK
P MMCK CTL.S CLK
PLL1 Clock
PLL2 Clock
HCLK Clock
PCLK Clock
Slow Clock
Power S av e Mode
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
•
Slow Clock—32.768 kHz clock used in low-power modes. Slow Clock is generated by an on-chip
oscillator, received from an external clock source or generated by a prescaler from Main Clock.
Available prescale factors are 1 to 8192 in increments of 1/2 clock period.
Figure 14-1 is block diagram of the global clock generation logic.
Figure 14-1. Global Clock Generation
14.1 Extrnal Crystal Networks
An external crystal network is connected to the X1CKI and X1CKO pins to generate the Main Clock,
unless an external clock signal is driven on the CLKIN pin. A similar external crystal network may be used
at pins X2CKI and X2CKO for the Slow Clock. If an external crystal network is not used for the Slow
Clock, the Slow Clock is generated through a prescaler from Main Clock.
The crystal network you choose may require external components different from the ones specified in this
datasheet. In this case, consult with National’s engineers for the component specifications
The crystals and other oscillator components must be placed close to the X1CKI/X1CKO and
X2CKI/X2CKO device input pins to keep the trace lengths to an absolute minimum.
78
Clock Generation
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com