Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 99 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 99 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 95Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 96Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 97Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 98Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 99Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 100Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 101Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 102Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 407 page
background image
Reset
Active Mode
HALT = 1 &
WBPSM = 1 &
"WAIT"
IDLE = 1 & "WAIT"
HW Event
or PSM = 1 & DHC = 0 & DMC = 0
HW Event
HW Event
Note:
HW Event = MIWU wake-up,
NMI, or
interrupt acknowledge while PMMSTCTL.WACK = 1
HALT = 1 & "WAIT"
PSM = 1 &WBPSM = 0
or PSM = 1 & WBPSM = 1 & "WAIT"
Power Save Mode
Idle Mode
Halt Mode
DS444
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 16-1. Power Mode State Diagram
Software changes the power mode in either of two ways, as controlled by the PMMSTCTL.WBPSM bit:
•
Immediate transition (WBPSM = 0)—new clock sources take effect as soon as stable clocks are
available. Only allowed when going from Active to Power Save mode.
•
Transition at next WAIT instruction (WBPSM = 1)—device continues to operate in Active mode until it
executes a WAIT instruction. At execution of the WAIT instruction, the device enters the new mode,
and the CPU waits for the next interrupt event.
A transition to Idle or Halt mode must use the second method (WBPSM = 1).
Some of the power-up transitions are based on the occurrence of a wake-up event:
•
Multi-Input Wake-Up Event—most general-purpose I/O port pins, certain peripheral pins (that don’t
share functionality with a GPIO port), and certain peripheral events can be programmed in the MIWU
module to trigger a wake-up event.
•
Non-Maskable Interrupt (NMI)—an NMI interrupt is a wake-up event.
•
Interrupt Acknowledge Cycle—when the WACK bit in the PMMSTCTL register is set, any interrupt
acknowledge cycle is a wake-up event.
Once a wake-up event is detected, it is latched until an interrupt acknowledge cycle or reset occurs.
A wake-up event causes a transition to the Active mode and restores normal clock operation, but does not
start execution of the program. It is the interrupt handler associated with the wake-up source (MIWU, NMI,
or any interrupt) that causes program execution to resume.
16.6.1 Active Mode to Power Save Mode
A transition from Active mode to Power Save mode is performed by writing a 1 to the PMMSTCTL.PSM
bit. The transition to Power Save mode occurs immediately or at the execution of the next WAIT
instruction, depending on the state of the PMMSTCTL.WBPSM bit. The PSM bit operates differently
depending on this mode:
•
WBPSM = 0—PSM bit reads as 1 after the transition to the Power Save mode occurs. If the high-
frequency oscillator or PLLs are not producing a stable output, this transition may be stalled. In this
mode, the PSM bit indicates when the transition has been completed.
•
WBPSM = 1—PSM bit reads as 1 after it is written with 1, even before the WAIT instruction has
executed and the transition to Power Save mode has occurred.
Copyright © 2013, Texas Instruments Incorporated
Power Management Module
99
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com